Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD78P324 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD78P324
Description  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD78P324 Datasheet HTML 17Page - Renesas Technology Corp UPD78P324 Datasheet HTML 18Page - Renesas Technology Corp UPD78P324 Datasheet HTML 19Page - Renesas Technology Corp UPD78P324 Datasheet HTML 20Page - Renesas Technology Corp UPD78P324 Datasheet HTML 21Page - Renesas Technology Corp UPD78P324 Datasheet HTML 22Page - Renesas Technology Corp UPD78P324 Datasheet HTML 23Page - Renesas Technology Corp UPD78P324 Datasheet HTML 24Page - Renesas Technology Corp UPD78P324 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
µPD78P324, 78P324(A)
19
3.2
PROCEDURE FOR PROM WRITE
The procedure for writing into the PROM is as follows (see Figure 3-3).
(1) Fix to RESET = H; and AVDD = L. Other unused pins are processed as directed by the PIN CONFIGURATION.
(2) Supply +6.5 V to the VDD pin; and +12.5 V to the VPP pin. Enter the low level into the CE pin.
(3) Enter the initial address into A0-A16.
(4) Enter the Write data into D0-D7.
(5) Enter the 0.1 ms program pulse (active low) into the PGM pin.
(6) Verify mode. Check if the Write data has been written or not.
Enter the active low pulse into the OE pin and read the Write data from D0-D7.
• When written: Move to (8).
• When not able to write: Repeat (4) to (6). If it is not possible to write even when the repetition has been
made ten times, move to (7).
(7) Stop the Write operation as a defective device.
(8) Increment the address.
(9) Repeat (4) to (8) until the final address.
The timing of the above (2) to (7) steps is shown in Figure 3-2.
Figure 3-2. PROM Write/Verify Timing
Hi-Z
Hi-Z
Hi-Z
Program
Program verify
Address input
Data input
Data output
A0-A16
D0-D7
VPP
VDD
CE (input)
PGM (input)
OE (input)
+ 12.5V
VDD
+ 6.5V
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com