Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPM54504 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MPM54504
Description  16V, Quad DC/DC Power Module with 5A Output Array
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM54504 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MPM54504 Datasheet HTML 6Page - Monolithic Power Systems MPM54504 Datasheet HTML 7Page - Monolithic Power Systems MPM54504 Datasheet HTML 8Page - Monolithic Power Systems MPM54504 Datasheet HTML 9Page - Monolithic Power Systems MPM54504 Datasheet HTML 10Page - Monolithic Power Systems MPM54504 Datasheet HTML 11Page - Monolithic Power Systems MPM54504 Datasheet HTML 12Page - Monolithic Power Systems MPM54504 Datasheet HTML 13Page - Monolithic Power Systems MPM54504 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MPM54504
– 16V, QUAD 5A, POWER MODULE
MPM54504 Rev. 1.0
MonolithicPower.com
10
3/19/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT1/2/3/4 = 1.5V, fSW = 1000kHz, TA = 25°C, unless otherwise noted.
Output Voltage Ripple
IOUT = 5A
Load Transient
VOUT = 1V, CFF = 100pF, COUT = 47µF,
slew rate = 1A/µs
CH1: VOUT/AC
10mV/div.
CH3: VOUT/AC
50mV/div.
CH4: IOUT
1A/div.
1µs/div.
20µs/div.
Load Transient
VOUT = 1.5V, CFF = 100pF, COUT = 47µF,
slew rate = 1A/µs
Load Transient
VOUT = 2.5V, CFF = 100pF, COUT = 47µF,
slew rate = 1A/µs
CH3: VOUT/AC
50mV/div.
CH4: IOUT
1A/div.
CH3: VOUT/AC
50mV/div.
CH4: IOUT
1A/div.
20µs/div.
20µs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com