Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

6465 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 6465
Description  MOS INTEGRATED CIRCUIT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6465 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 6465 Datasheet HTML 9Page - Renesas Technology Corp 6465 Datasheet HTML 10Page - Renesas Technology Corp 6465 Datasheet HTML 11Page - Renesas Technology Corp 6465 Datasheet HTML 12Page - Renesas Technology Corp 6465 Datasheet HTML 13Page - Renesas Technology Corp 6465 Datasheet HTML 14Page - Renesas Technology Corp 6465 Datasheet HTML 15Page - Renesas Technology Corp 6465 Datasheet HTML 16Page - Renesas Technology Corp 6465 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
µPD6464A,6465
11
•
Background control bits
These bits select the type of background in screen units from none, black-framed, black-on-white, or black-filled
background.
No background : Only character data are output.
Black framing
: If the left- and rightmost columns or the top and bottom lines of a dot matrix are not used, the
displayed character can be framed horizontally, vertically, or diagonally. When the dots on the
rightmost or leftmost column of the dot matrix are used, a frame is displayed in the adjacent
character display areas. Even when the dots on the top and bottom lines of the dot matrix are
used, the lines above and below the dot matrix are not framed. Even if the character size is
changed, the size of black framing is fixed to 1 dot, which is the minimum size.
Black-on-white : A black background is displayed on the rightmost and leftmost positions of the display area
of the character written to the video RAM with 1 extra dot, which is the minimum size, at
both positions.
Black filling
: A black background is displayed outside the character display area, in addition to the black-
on-white background.,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com