Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP73830/LT Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP73830/LT
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73830/LT Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP73830/LT Datasheet HTML 11Page - Microchip Technology MCP73830/LT Datasheet HTML 12Page - Microchip Technology MCP73830/LT Datasheet HTML 13Page - Microchip Technology MCP73830/LT Datasheet HTML 14Page - Microchip Technology MCP73830/LT Datasheet HTML 15Page - Microchip Technology MCP73830/LT Datasheet HTML 16Page - Microchip Technology MCP73830/LT Datasheet HTML 17Page - Microchip Technology MCP73830/LT Datasheet HTML 18Page - Microchip Technology MCP73830/LT Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
 2011-2019 Microchip Technology Inc.
DS20005049E-page 15
MCP73830/L
Virtually any good quality output filter capacitor can be
used independent of the capacitor’s minimum Effective
Series Resistance (ESR) value. The actual value of the
capacitor (and its associated ESR) depends on the
output load current. A 1 µF ceramic, tantalum or alumi-
num electrolytic capacitor at the output is usually
sufficient to ensure stability.
6.1.1.4
Reverse-Blocking Protection
The MCP73830/L devices provide protection from a
faulted or shorted input. Without the protection, a
faulted or shorted input would discharge the battery
pack through the body diode of the internal pass
transistor.
6.2
PCB Layout Issues
For optimum voltage regulation, place the battery pack
as close as possible to the device’s VBAT and VSS pins,
which is recommended to minimize voltage drops
along the high current carrying PCB traces.
If the PCB layout is used as a heat sink, adding many
vias in the heat sink pad can help conduct more heat to
the backplane of the PCB, thus reducing the maximum
junction temperature. Figure 6-5 and Figure 6-6 depict
a typical layout with PCB heat sinking.
FIGURE 6-4:
Typical Layout (Top).
FIGURE 6-5:
Typical Layout (Top Metal).
FIGURE 6-6:
Typical Layout (Bottom).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com