Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UTC-100P-R10E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # UTC-100P-R10E
Description  15.6" Ubiquitous Touch Computer UTC-115I with 11th Gen Intel® Core™ i5/i3 Processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-100P-R10E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  UTC-100P-R10E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Interactive Self-service Terminals
Peripherals for UTC-100(AIO system) series
Part No.
Description
UTC-100P-B11E
2D Barcode Scanner for UTC-115/120
UTC-100P-C10E
5M Camera for UTC-115/120
UTC-100P-R10E
RFID Scanner for UTC-115/120
UTC-100P-M10E
MSR Reader for UTC-115/120
UTC-100P-S10E
Smart Card Reader for UTC-115/120
UTC-100P-L10E
LED Light Bar for UTC-115/120
UTC-100P-F10E
Finger Print Reader for UTC-115/120
UTC-100P-T10E
Thermal Camera for UTC-115/120
Peripheral Mountable on All 4 Sides
UTC-115
Ordering Information
For Worldwide Model
Part No.
Descriptions
UTC-115IP-WWW1F
15.6" Pcap, FHD 1920x1080, I5-1145G7E CPU, 8G RAM, 128G SSD, Win 10 IOT, Wifi/BT, Silver Color
Extra ordering information
Part No.
Descriptions
170203183C/170203183C-01
Power Cord EU 3P 2.5A 250V 183cm (US)
1700001524
Power Cord UL 3P 10A 125V 183cm (EU)
1700019146
Power Cord CCC 3P 2.5A 250V 183cm (China)
170203180A
Power Cord BSI 3P 2.5A 250V 183cm (UK)
1700025928-02
COM Port Converter cable RJ48-10P10C to D-SUB 9P 35cm
UTC-T01-STANDE
Tri Shape Floor Stand 120cm
UTC-100P-STAND0E
L Stand for UTC-115
UTC-300P-D20E
Desk Stand, Silver, for UTC-115/120
UTC-UPOS-STAND0E
Double Hinge Stand
UTC-AVALO-STAND0E
Avalo Stand
ARES-2423X-S151001
Table Stand for UTC-115 (Black)
ARES-2425X-S271001
Tilt Table Stand for UTC-100 Serires (Black) (Support Portrait & Landscape)
ARES-12250-L101000
Vesa Wall-mount for UTC-100 Series (Black)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com