Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UTC-100P-R10E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UTC-100P-R10E
Description  21.5" Ubiquitous Touch Computer UTC-120I with 11th Gen Intel® Core™ i5/i3 Processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-100P-R10E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UTC-100P-R10E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
LCD Display
Size/Type
21.5" FHD
21.5" FHD
Max.Resolution
1920 x 1080
1920 x 1080
Max. Color
16.7M
16.7M
Pixel Pitch (um)
248.25(H) x 248.25(V)
247.95(H) x 247.95(V)
Brightness (cd/m2)
250
500
View Angle
178° /178°
178° /178°
Touch Screen Option
Type
Projected Capacitive.
Light Transmission
> 85%
Controller
USB Interface
TPM
TPM 2.0
DeviceOn/iService
Remote Device Management
Operating System
Windows 10
Common Controls (Reboot, Shutdown)
Remote desktop
(VNC)
Device-Specific Controls (Audio)
*
Connection Status
Hardware Status
*
Hard Disk Status
*
Batch Operation Support
OTA Storage Management
FTP
OTA Software Updates
Software Watchlist
Software Start/Stop
*
Kiosk Mode
Peripherals Watchlist
*
Note: DeviceOn/iService software must be downloaded from the Advantech website at https://www.advantech.com/search/?q=DeviceOn%2FiService&st=support&sst=Utility
UTC-120
Specifications (Cont.)
*Dependent on device model
Fully- Integrated I/O
DC-in Type-C
HDMI
Audio Jack
Type-C
COM W/RS-232/422/485
USB 3.2
USB 3.2
LED Light Bar Port
LED Light Bar Port
LAN
LAN
COM W/RS-232
Dimensions
Unit: mm
523.9
477.8
50.9
39.5
100x100 VESA
M4 SCREW hole
7.0mm depth



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com