Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDCG Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TDCG
Description  Clock Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDCG Datasheet(HTML) 2 Page - Vishay Siliconix

  TDCG Datasheet HTML 1Page - Vishay Siliconix TDCG Datasheet HTML 2Page - Vishay Siliconix TDCG Datasheet HTML 3Page - Vishay Siliconix TDCG Datasheet HTML 4Page - Vishay Siliconix TDCG Datasheet HTML 5Page - Vishay Siliconix TDCG Datasheet HTML 6Page - Vishay Siliconix TDCG Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 83180
Rev. 1.4, 31-Aug-04
VISHAY
TDCG / R / Y10..m
Vishay Semiconductors
Optical and Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Red
TDCR1050m/ TDCR1060m
Note1) IVmin and IV groups are mean values of all segments (a to g, D1 to D4),
matching factor within segments is
≥ 0.5, excluding decimal points and colon.
Yellow
TDCY1050m/ TDCY1060m
Note1) IVmin and IV groups are mean values of all segments (a to g, D1 to D4),
matching factor within segments is
≥ 0.5, excluding decimal points and colon.
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity per
segment 1)
IF = 2 mA
TDCR1050m
IV
1.5
mcd
TDCR1060m
IV
1.5
mcd
IF = 10 mA
TDCR1050m
IV
4.0
6.0
mcd
TDCR1060m
IV
4.0
6.0
mcd
Luminous intensity of colon
IF = 2 mA
TDCR1050m
IV
0.4
mcd
TDCR1060m
IV
0.4
mcd
IF = 10 mA
TDCR1050m
IV
0.5
0.8
mcd
TDCR1060m
IV
0.5
0.8
mcd
Dominant wavelength
IF = 20 mA
λd
631
nm
Peak wavelength
IF = 20 mA
λp
639
nm
Spectral bandwidth
IF = 20 mA
∆λ
20
nm
Forward voltage
IF = 20 mA
VF
2.0
2.4
V
Reverse current
VR = 5 V
IR
10
µA
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity per
segment 1)
IF = 2 mA
TDCY1050m
IV
1.5
mcd
TDCY1060m
IV
1.5
mcd
IF = 10 mA
TDCY1050m
IV
4.0
8.0
mcd
TDCY1060m
IV
4.0
8.0
mcd
Luminous intensity of colon
IF = 2 mA
TDCY1050m
IV
0.4
mcd
TDCY1060m
IV
0.4
mcd
IF = 10 mA
TDCY1050m
IV
0.5
1.0
mcd
TDCY1060m
IV
0.5
1.0
mcd
Dominant wavelength
IF = 20 mA
λd
589
nm
Peak wavelength
IF = 20 mA
λp
591
nm
Spectral bandwidth
IF = 20 mA
∆λ
15
nm
Forward voltage
IF = 20 mA
VF
2.0
2.4
V
Reverse current
VR = 5 V
IR
10
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com