Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD16640BN-XXX Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD16640BN-XXX
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16640BN-XXX Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD16640BN-XXX Datasheet HTML 9Page - Renesas Technology Corp UPD16640BN-XXX Datasheet HTML 10Page - Renesas Technology Corp UPD16640BN-XXX Datasheet HTML 11Page - Renesas Technology Corp UPD16640BN-XXX Datasheet HTML 12Page - Renesas Technology Corp UPD16640BN-XXX Datasheet HTML 13Page - Renesas Technology Corp UPD16640BN-XXX Datasheet HTML 14Page - Renesas Technology Corp UPD16640BN-XXX Datasheet HTML 15Page - Renesas Technology Corp UPD16640BN-XXX Datasheet HTML 16Page - Renesas Technology Corp UPD16640BN-XXX Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet S12581EJ1V0DS00
11
µµµµ PD16640B
Switching Characteristics (TA = –10 to +75
°C, VDD1 = 3.3 V ±±±± 0.3 V, VDD2 = 3.3 V ±±±± 0.3 V or 5.0 V ±±±± 0.5 V,
VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
tPLH1
CL = 15 pF
12
ns
Start Pulse Delay time
tPHL1
12
ns
Driver Output Delay Time
tPLH21
VDD2 = 3.3 V,
VO: 0.1 V
→ 3.2 V
3.3
µ s
tPLH31
4 k
Ω +24 pF × 25.1
10
µ s
tPHL21
VO: 3.2 V
→ 0.1 V
4.3
µ s
tPHL31
5.4
10
µ s
tPLH22
VDD2 = 5.0 V,
VO: 0.1 V
→ 4.9 V
4.2
µ s
tPLH32
4 k
Ω +24 pF × 25.4
10
µ s
tPHL22
VO: 4.9 V
→ 0.1 V
4.9
µ s
tPHL32
6.2
10
µ s
Input capacitance
CI1
STHR (STHL), TA = 25
°C10
15
pF
CI2
V0 to V10, TA = 25
°C
100
pF
CI3
STHR (STHL), other than V0 to V10,
5
10
pF
TA = 25
°C
Timing Requirements (TA = –10 to +75
°C, VDD1 = 3.3 V ±±±± 0.3 V, VDD2 = 3.3 V ±±±± 0.3 V or 5.0 V ±±±± 0.5 V,
VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock Pulse Width
PWCLK
18
ns
Clock Pulse High Period
PWCLK (H)
4ns
Clock Pulse Low Period
PWCLK (L)
4ns
Data Setup Time
tSETUP1
4ns
Data Hold Time
tHOLD1
0ns
Start Pulse Setup Time
tSETUP2
4ns
Start Pulse Hold Time
tHOLD2
0ns
INV Setup time
tSETUP4
4ns
INV Hold time
tHOLD4
0ns
Start Pulse Low period
tSPL
2CLK
Start Pulse Rise Time
tSPR1
Osel = H
100
CLK
Start Pulse Rise Time
tSPR2
Osel = L
103
CLK
STB setup time
tSETUP3
2CLK
Data Invalid Period
tINV
1CLK
Last Data Timing
tLDT
1CLK
CLK-STB Time
tCLK-STB
CLK
↑ → STB ↑ or ↓
7ns
STB-CLK Time
tSTB-CLK
STB
↑ or ↓ → CLK ↑
7ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com