Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

17P012 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # 17P012
Description  MOS INTEGRATED CIRCUIT
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

17P012 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button 17P012 Datasheet HTML 53Page - Renesas Technology Corp 17P012 Datasheet HTML 54Page - Renesas Technology Corp 17P012 Datasheet HTML 55Page - Renesas Technology Corp 17P012 Datasheet HTML 56Page - Renesas Technology Corp 17P012 Datasheet HTML 57Page - Renesas Technology Corp 17P012 Datasheet HTML 58Page - Renesas Technology Corp 17P012 Datasheet HTML 59Page - Renesas Technology Corp 17P012 Datasheet HTML 60Page - Renesas Technology Corp 17P012 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 320 page
background image
µPD17012, 17P012
55
Data Sheet U10101EJ4V0DS
7.2 Configuration and Function of Each Block
7.2.1 ALU
The ALU executes arithmetic or logical operations, bit judgment, comparison, rotation processing, and
transfer of 4-bit data according to an instruction specified by the program.
7.2.2 Temporary registers A and B
Temporary registers A and B temporarily store 4-bit data.
These registers are automatically used when an instruction is executed and are not controlled by the program.
7.2.3 Program status word
The program status word controls the operation of the ALU and stores the status of the ALU.
For details of the program status word, refer to 5.8 Program Status Word (PSWORD).
7.2.4 Decimal adjuster
If the BCD flag of the program status word is set to 1 as a result of an executed arithmetic operation, the
arithmetic operation result is converted into a decimal number by the decimal adjuster.
7.2.5 Address controller
The address controller specifies an address of the data memory.
At this time, address modification by the index register and data memory row address pointer is also
controlled.
7.3 ALU Processing Instruction List
Table 7-1 lists the ALU operations when each instruction is executed.
Table 7-2 shows modification of data memory addresses by the index register and data memory row address
pointer.
Table 7-3 shows the decimal adjustment data when a decimal operation is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com