Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS9078BTB2 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS9078BTB2
Description  AM Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9078BTB2 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS9078BTB2 Datasheet HTML 1Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 2Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 3Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 4Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 5Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 6Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 7Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 8Page - Micro Analog systems MAS9078BTB2 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DA9078.003
28 January 2004
4 (10)
TYPICAL APPLICATION
Note 1: Crystal
The crystal as well as ferrite antenna frequencies are chosen according to the time-signal system (Table 1). The
crystal shunt capacitance C0 should be matched as well as possible with the internal shunt capacitance
compensation capacitance CC. MAS9078 has five compensation capacitance options. Capacitance values and
suitable crystals are described in Table 2. See also Ordering Information (p.10).
Time-Signal System
Location
Antenna Frequency
Recommended Crystal Frequency
DCF77
Germany
77.5 kHz
77.503 kHz
MSF
United Kingdom
60 kHz
60.003 kHz
WWVB
USA
60 kHz
60.003 kHz
JJY
Japan
40 kHz and 60 kHz
40.003 kHz and 60.003 kHz
Table 1
Time-Signal System Frequencies
Device
CC
Crystal Description
MAS9078B1
0.75 pF
For single low C0 crystal (Nominal value)
MAS9078B2
1.25 pF
For single high C0 crystal
MAS9078B3
1.625 pF
For two parallel low C0 crystals (dual band receiver)
MAS9078B4
2.5 pF
For two parallel high C0 crystals (dual band receiver)
MAS9078B5
3.875 pF
Any crystal with parallel external compensation capacitor
Table 2
Compensation Capacitance Options
Note 2: AGC Capacitor
The AGC and DEC capacitors must have low leakage currents due to very small 40 nA signal currents through
the capacitors. The insulation resistance of these capacitors should be higher than 70 M
Ω. Also probes with at
least 100 M
Ω impedance should be used for voltage probing of AGC and DEC pins.
Note 3: Power Down / Fast Startup Control
Both power down and fast startup are controlled using the PDN pin. The device is in power down (turned off) if
PDN = VDD and in power up (turned on) if PDN = VSS. Fast startup is triggered by the falling edge of PDN
signal, i.e., controlling device from power down to power up. The startup time without using the fast startup
control can be several minutes but with fast startup it is shortened typically to 12 s.
AGC Amplifier
Demodulator
&
Comparator
Power Supply/Biasing
RFI
OUT
QI
QO
VSS
AGC
DEC
Receiver
output
Ferrite-
Antenna
Note 1
AON (=AGC on)
VDD
1.4 V
PDN
Note 2
X1
CAGC
10 uF
CDEM
47 nF
Note 3
Power Down /
Fast Startup
Control



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com