Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS9078BTB3 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9078BTB3
Description  AM Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9078BTB3 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9078BTB3 Datasheet HTML 1Page - Micro Analog systems MAS9078BTB3 Datasheet HTML 2Page - Micro Analog systems MAS9078BTB3 Datasheet HTML 3Page - Micro Analog systems MAS9078BTB3 Datasheet HTML 4Page - Micro Analog systems MAS9078BTB3 Datasheet HTML 5Page - Micro Analog systems MAS9078BTB3 Datasheet HTML 6Page - Micro Analog systems MAS9078BTB3 Datasheet HTML 7Page - Micro Analog systems MAS9078BTB3 Datasheet HTML 8Page - Micro Analog systems MAS9078BTB3 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DA9078.003
28 January 2004
2 (10)
PAD LAYOUT
DIE size = 1.70 x 1.78 mm; PAD size = 100 x 100
µm
Note: Because the substrate of the die is internally connected to VDD, the die has to be connected to VDD or
left floating. Please make sure that VDD is the first pad to be bonded. Pick-and-place and all component
assembly are recommended to be performed in ESD protected area.
Note: Coordinates are pad center points where origin has been located in the center of VDD pad
Note: The on-chip product code 9078Bx identifies internal compensation capacitance option. x has values 1, 2,
3, 4 or 5 refering to capacitance option described in the Table 2 on page 4.
Pin Description
Name
X-coordinate
Y-coordinate
Note
Power Supply Voltage
VDD
0
µm
0
µm
Quarz Filter Output
QO
306
µm
19
µm
Quarz Filter Input
QI
586
µm
19
µm
AGC Capacitor
AGC
866
µm
19
µm
Receiver Output
OUT
1109
µm
19
µm
1
Demodulator Capacitor
DEC
1109
µm
1428
µm
AGC On Control
AON
866
µm
1428
µm
2
Power Down Input
PDN
549
µm
1428
µm
3
Receiver Input
RFI
306
µm
1428
µm
Power Supply Ground
VSS
16
µm
1407
µm
Notes:
1) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced
(modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is pulled to VSS (pull down switch)
2) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (working)
-
Internal pull-up with current < 1
µA which is switched off at power down
3) PDN = VSS means receiver on; PDN = VDD means receiver off
-
Fast start-up is triggered when the receiver is after power down (PDN=VDD) controlled to power up
(PDN=VSS) i.e. at the falling edge of PDN signal.
MAS
VDD QO
QI AGC OUT
VSS RFI PDN AON DEC
1702 µm
1778 µm
9078Bx



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com