Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD77016 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD77016
Description  MOS INTEGRATED CIRCUIT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77016 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD77016 Datasheet HTML 17Page - Renesas Technology Corp UPD77016 Datasheet HTML 18Page - Renesas Technology Corp UPD77016 Datasheet HTML 19Page - Renesas Technology Corp UPD77016 Datasheet HTML 20Page - Renesas Technology Corp UPD77016 Datasheet HTML 21Page - Renesas Technology Corp UPD77016 Datasheet HTML 22Page - Renesas Technology Corp UPD77016 Datasheet HTML 23Page - Renesas Technology Corp UPD77016 Datasheet HTML 24Page - Renesas Technology Corp UPD77016 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
µPD77016
19
2.4.1
Instruction RAM Outline
The
µPD77016 has an instruction RAM (1.5 words × 32 bits). A system vector area is assigned to 64 words
of the instruction RAM. Internal RAM is initialized and rewritten by boot program.
Additionally external memory expansion is available as the
µPD77016 has interface with the external
instruction memory. When RAM is used as the external memory, it can be initialized and rewritten by boot
program.
Boot up ROM contains the program loading instruction code to internal and external instruction RAM.
When the external instruction memory area is accessed, instruction cycle can be 2 or more by wait function.
2.4.2
Data Memory Outline
The
µPD77016 has two data memory areas (64 words × 16 bits each) in X and Y memory areas.
Each memory areas consists of 2K words
× 16 bits data RAM. Additionally, data memory expansion is
available as the
µPD77016 has interface with the external data memory.
Each data memory area includes on-chip peripheral area which consists of 64 words.
When the external data memory area is accessed, instruction cycle can be 2 or more by wait function.
2.4.3
Data Memory Addressing
There are following two types of data memory addressing.
• Direct addressing
The address is specified in the instruction field.
• Indirect addressing
The address is specified by the data pointer (DP). DP can get a bit reverse before addressing. It can update
the DP value after accessing data memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com