Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCS3530 Datasheet(PDF) 6 Page - ams AG

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Datasheet(HTML) 6 Page - ams AG

Back Button TCS3530 Datasheet HTML 2Page - ams AG TCS3530 Datasheet HTML 3Page - ams AG TCS3530 Datasheet HTML 4Page - ams AG TCS3530 Datasheet HTML 5Page - ams AG TCS3530 Datasheet HTML 6Page - ams AG TCS3530 Datasheet HTML 7Page - ams AG TCS3530 Datasheet HTML 8Page - ams AG TCS3530 Datasheet HTML 9Page - ams AG TCS3530 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 105 page
background image
Page 6
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Absolute Maximum R atings
Figure 6:
Recommended Operating Conditions
1. While the device is operational across the temperature range, functionality will vary with temperature.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply voltage
1.7
1.8
1.98
V
VIO
I/O supply voltage
1.62
1.8
3.3
V
VBUS1.2
VBUS I/O voltage
VBUS=1.2V
1.08
1.2
1.32
V
VBUS1.8
VBUS I/O voltage
VBUS=1.8V
1.62
1.8
1.98
V
VIL-INT/GPIO
INT, GPIO input low voltage
0.54
V
VIH-INT/GPIO
INT, GPIO input high
voltage
0.84
V
VIL-SCL/SDA
SCL, SDA
-0.1*VBUS
0.3*VBUS
V
VIH1.2-SCL/SDA
SCL, SDA
VBUS=1.2V
0.7*VBUS
1.1*VBUS
V
VIH1.8-SCL/SDA
SCL, SDA
VBUS=1.8V
0.7*VBUS
1.98
V
I²C Bus Operation
VOL-SDA-I2C
SDA output low voltage
VBUS=1.2V/1.8V@
20mA
0.4
V
I3C Bus Operation
VOL-SDA1.2-I3C
SDA output low voltage
VBUS=1.2V@2mA
0.18
V
VOL-SDA1.8-I3C
SDA output low voltage
VBUS=1.8V@3mA
0.27
V
VOH-SDA1.2-I3C
SDA output high voltage
VBUS=1.2V@-2mA
VBUS-0.18
V
VOH-SDA1.8-I3C
SDA output high voltage
VBUS=1.8V@-3mA
VBUS-0.27
V
Temperature Ranges and Storage Conditions
TA
Operating free-air
temperature (1)
-30
25
85
°C
Other Conditions
CI
Input pin capacitance
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com