Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SST12LP10 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST12LP10
Description  2.4 GHz High-Linearity Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP10 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST12LP10 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP10 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2005 SST Communications Corp.
S71280-00-000
1/05
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Preliminary Specifications
FEATURES:
High Gain:
– >26 dB gain across 2.4~2.5 GHz over tempera-
ture 0°C to +80°C
High linear output power:
– ~27 dBm P1dB
– Meets 802.11g OFDM ACPR requirement up to
23 dBm
– Over 20 dBm linear output with total system
EVM<5% for 54 Mbps 802.11g signal
– Meets 802.11b ACPR requirement up to 24 dBm
High power-added efficiency/Low operating
current for both 802.11g/b applications
–~19% @ POUT = 20 dBm for 802.11g
–~30% @ POUT = 24 dBm for 802.11b
Ultra-low Reference Current
– ~3 mA Total IREF
Low idle current
–~60 mA ICQ
High-speed power-up/down
– Turn on/off time (10%~90%) <100 ns
– Typical power-up/down delay with driver delay
included <200 ns
High temperature stability
– ~1 dB gain/power variation between 0°C to +80°C
Low shut-down current (< 0.1 µA)
Simple input/output matching
Packages available
– 16-contact VQFN (3mm x 3mm)
– Non-Pb (lead-free) packages available
APPLICATIONS:
WLAN (IEEE 802.11g/b)
•Home RF
Cordless phones
2.4 GHz ISM wireless equipment
PRODUCT DESCRIPTION
The SST12LP10 is a high-performance power amplifier
based on the highly-reliable InGaP/GaAs HBT technology.
The SST12LP10 can be easily configured for high-power,
high-efficiency applications with superb power-added effi-
ciency while operating over the 2.4~2.5 GHz frequency
band. It provides over 26 dB gain with 19% power-added
efficiency @ POUT = 20 dBm for 802.11g and 30% power-
added efficiency @ POUT = 24 dBm for 802.11b.
The SST12LP10 has excellent linearity (over 20 dBm linear
output with total system EVM<5%) which is essential for 54
Mbps 802.11g operation.
The power amplifier IC also features easy board-level
usage along with high-speed power-up/down control and
ultra-low reference current (~3 mA). These features cou-
pled with low operating current make the SST12LP10 ideal
for the final stage power amplification in battery-powered
802.11g/b WLAN transmitter applications.
The SST12LP10 is offered in 16-contact VQFN package.
See Figure 1 for pin assignments and Table 1 for pin
descriptions.
2.4 GHz High-Linearity Power Amplifier
SST12LP10
SST12LP102.4 GHz High-Linearity Power Amplifier


Similar Part No. - SST12LP10

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVC SST-SST12LP14-QVC Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVC-K SST-SST12LP14-QVC-K Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVCE SST-SST12LP14-QVCE Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVCE-K SST-SST12LP14-QVCE-K Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
More results

Similar Description - SST12LP10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP1045A ETC-AP1045A Datasheet
286Kb / 6P
2.4~2.5 GHz High Power Amplifier
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43040 AVAGO-MGA-43040 Datasheet
1Mb / 16P
High Linearity (2.3 ??2.4) GHz Power Amplifier Module
logo
Skyworks Solutions Inc.
SE2433T SKYWORKS-SE2433T Datasheet
1Mb / 13P
2.4 GHz Power Amplifier
logo
Microchip Technology
SST12CP11C MICROCHIP-SST12CP11C Datasheet
708Kb / 16P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
logo
Broadcom Corporation.
MGA-43040 BOARDCOM-MGA-43040 Datasheet
1Mb / 16P
High Linearity (2.3 ??2.4) GHz Power Amplifier Module
logo
Microchip Technology
SST12LP22 MICROCHIP-SST12LP22 Datasheet
278Kb / 17P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
03/13/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com