Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS9116AASD08 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9116AASD08
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9116AASD08 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9116AASD08 Datasheet HTML 1Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 2Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 3Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 4Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 5Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 6Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 7Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 8Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2 (18)
DA9116.005
22 November, 2005
PIN CONFIGURATIONS
24 23 22 21 20
8 9 10 11 12
XCS
LFO
LIN
LGND
DGND
RFO
RIN
RGND
1
2
3
4
19
18
17
16
5
6
7
15
14
13
QFN 4 x 5
PIN DESCRIPTION
Pin Name
Pin
SO16
Pin
QFN 4x5
Type
Function
AVCC
1
23
P
Power Supply, for Analog
LMO
2
24
AI
External Amplifier Negative Input (Left)
LFO*
3
1
AI
Feedback Signal from External Amplifier Output
(Left)
LIN*
4
3
AI
Input, Left Channel
LGND
5
4
AI
Signal Ground, Left Channel
XCS
6
7
DI
Chip Select Input of Serial Interface
DVCC
7
8
P
Power Supply, for Digital
XMUTE
8
9
DI
Mute Input
DATA
9
11
DIO
Data Input and Output of Serial Interface, Tristate
CCLK
10
12
DI
Clock Input of Serial Interface
DGND
11
13
G
Ground for Digital
RGND
12
16
AI
Signal Ground, Right Channel
RIN*
13
17
AI
Input, Right Channel
RFO*
14
19
AI
Feedback Signal from External Amplifier Output
(Right)
RMO
15
20
AI
External Amplifier Negative Input (Right)
AGND
16
21
G
Ground for Analog
*) Note: These Pins are only 300V HBM ESD protected
RMO
RFO
RIN
XCS
CCLK
DATA
DGND
1
2
3
4
5
6
7
14
13
12
11
10
9
AVCC
LMO
LFO
LIN
AGND
XMUTE
DVCC
8
15
16
LGND
RGND
SO16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com