Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS9191A Datasheet(PDF) 23 Page - Micro Analog systems

Part # MAS9191A
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191A Datasheet(HTML) 23 Page - Micro Analog systems

Back Button MAS9191A Datasheet HTML 19Page - Micro Analog systems MAS9191A Datasheet HTML 20Page - Micro Analog systems MAS9191A Datasheet HTML 21Page - Micro Analog systems MAS9191A Datasheet HTML 22Page - Micro Analog systems MAS9191A Datasheet HTML 23Page - Micro Analog systems MAS9191A Datasheet HTML 24Page - Micro Analog systems MAS9191A Datasheet HTML 25Page - Micro Analog systems MAS9191A Datasheet HTML 26Page - Micro Analog systems MAS9191A Datasheet HTML 27Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23
DA9191A.000
July 31, 1997
FUNCTIONS
Register 00HEX (write only)
Bit
Name
State
Function
3-0
GC3[3:0]
0000-1111
Control range for GC3: -3.0dB … +3.0dB, 0.4dB/step
0000
-3.0dB
0001
-2.6dB
0010
-2.2dB
…….
1111
+3.0dB
1000
+0.2dB default value
5-4
M2[1:0]
00
AGND
Connected to F8 input
01
A6-OUT
10
EXTMIC
11
DTMFGEN
6
reserved
0
reserved for future use, set to 0
7
reserved
0
reserved for future use, set to 0
Register 01HEX (write only)
Bit
Name
State
Function
0
S12
0
Compressor output
connected to COUT
1
Compressor input
1
S13
0
COUT
connected to GC4 input
1
PREIN
2
S14
0
F10 output
connected to GC5 input
1
F10 input
3
S15
0
Limiter output
connected to F11 input
1
Limiter input
4
S16
0
F11 output
connected to GC6 input
1
Limiter input
5
S19
0
AGND
connected to F13 input
1
TAUDIN
6
S20
0
(SYS1 = 0)
AGND
summed to GC9 input
1
(SYS1 = 1)
F12 output
0
(SYS1 = 0)
AGND
1
(SYS1 = 1)
F15 output
7
reserved
0
reserved for future use, set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com