Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OPAX134 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPAX134
Description  High-Performance, Fully-Differential AUDIO OP AMP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX134 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPAX134 Datasheet HTML 5Page - Texas Instruments OPAX134 Datasheet HTML 6Page - Texas Instruments OPAX134 Datasheet HTML 7Page - Texas Instruments OPAX134 Datasheet HTML 8Page - Texas Instruments OPAX134 Datasheet HTML 9Page - Texas Instruments OPAX134 Datasheet HTML 10Page - Texas Instruments OPAX134 Datasheet HTML 11Page - Texas Instruments OPAX134 Datasheet HTML 12Page - Texas Instruments OPAX134 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
OPA1632
SBOS286A − DECEMBER 2003 − REVISED SEPTEMBER 2006
www.ti.com
9
POWER DISSIPATION AND THERMAL
CONSIDERATIONS
The OPA1632 does not have thermal shutdown
protection. Take care to assure that the maximum
junction temperature is not exceeded. Excessive
junction temperature can degrade performance or
cause permanent damage. For best performance and
reliability, assure that the junction temperature does not
exceed +125
°C.
The thermal characteristics of the device are dictated
by the package and the circuit board. Maximum power
dissipation for a given package can be calculated using
the following formula:
P
Dmax
+
Tmax
* T
A
q
JA
Where:
PDmax is the maximum power dissipation in the
amplifier (W).
Tmax
is
the
absolute
maximum
junction
temperature (
_C).
TA is the ambient temperature (_C).
qJA = qJC + qCA.
qJC is the thermal coefficient from the silicon
junctions to the case (
_C/W).
qCA is the thermal coefficient from the case to
ambient air (
_C/W).
For systems where heat dissipation is more critical, the
OPA1632 is offered in an MSOP-8 with PowerPAD.
The thermal coefficient for the MSOP PowerPAD
(DGN) package is substantially improved over the
traditional SO package. Maximum power dissipation
levels are depicted in Figure 5 for the two packages.
The data for the DGN package assumes a board layout
that follows the PowerPAD layout guidelines.
MAXIMUM POWER DISSIPATION
vs AMBIENT TEMPERATURE
−40
−15
10
85
60
35
Ambient Temperature (
_C)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
θ
JA = 170_ C/W for SO −8 (D)
θ
JA = 58.4_ C/W for M SOP−8 (DGN )
T
J = 150_ C
No Airflow
SO−8 (D) Package
MSOP−8 (DGN) Package
Figure 5. Maximum Power Dissipation vs Ambient
Temperature
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com