Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL1431 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TL1431
Description  Programmable Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL1431 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TL1431_05 Datasheet HTML 3Page - STMicroelectronics TL1431_05 Datasheet HTML 4Page - STMicroelectronics TL1431_05 Datasheet HTML 5Page - STMicroelectronics TL1431_05 Datasheet HTML 6Page - STMicroelectronics TL1431_05 Datasheet HTML 7Page - STMicroelectronics TL1431_05 Datasheet HTML 8Page - STMicroelectronics TL1431_05 Datasheet HTML 9Page - STMicroelectronics TL1431_05 Datasheet HTML 10Page - STMicroelectronics TL1431_05 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TL1431
Electrical Characteristics
7/13
Figure 9.
Reference voltage vs. temp.
Figure 10. Reference voltage vs. cathode current
Figure 11. Reference voltage vs. cathode current Figure 12. Reference current vs. temp.
Figure 13. Off-state cathode current vs. temp.
Figure 14. Ratio of change in VREF to change in
VKA vs. temp.
-40
-20
0
20
40
60
80
100
120
2.486
2.488
2.490
2.492
2.494
2.496
2.498
2.500
I
K
=10 mA
V
KA
=V
REF
=2.5 V
See figure 1
Temperature (°C)
-40
-20
0
20
40
60
80
100
-1
0
1
2
3
V
KA
=V
REF
See figure 1
Cathode current (mA)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
KA
=V
REF
See figure 1
Cathode current (mA)
-40
-20
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
I
K
=10 mA
V
KA
=V
REF
See figure 1
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
0.00
0.02
0.04
0.06
0.08
0.10
V
KA
= 36V
See figure 3
Temperature(°C)
-40
-20
0
20
40
60
80
100
120
-2.0
-1.5
-1.0
-0.5
0.0
I
K
=10 mA
V
KA
=V
REF
See figure 2
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com