Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SMA6J Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMA6J
Description  High junction temperature Transil TM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6J Datasheet(HTML) 5 Page - STMicroelectronics

  SMA6J Datasheet HTML 1Page - STMicroelectronics SMA6J Datasheet HTML 2Page - STMicroelectronics SMA6J Datasheet HTML 3Page - STMicroelectronics SMA6J Datasheet HTML 4Page - STMicroelectronics SMA6J Datasheet HTML 5Page - STMicroelectronics SMA6J Datasheet HTML 6Page - STMicroelectronics SMA6J Datasheet HTML 7Page - STMicroelectronics SMA6J Datasheet HTML 8Page - STMicroelectronics SMA6J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SMA6J
Characteristics
5/10
Figure 4.
Junction capacitance versus
reverse applied voltage (typical
values) (SMA6JxxA)
Figure 5.
Junction capacitance versus
reverse applied voltage (typical
values) (SMA6JxxCA)
10
100
1000
10000
1
10
100
1000
C(pF)
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
V (V)
R
SMA6J5.0A
SMA6J13A
SMA6J26A
SMA6J58A
SMA6J188A
1
10
100
1000
10000
1
10
100
1000
C(pF)
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
V (V)
R
SMA6J5.0CA
SMA6J13CA
SMA6J26CA
SMA6J58CA
SMA6J188CA
Figure 6.
Peak forward voltage drop versus
peak forward current (typical
values)
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (printed
ciruit board FR4, SCu = 1 cm
2)
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under each lead (printed circuit
board FR4, eCu = 35 µm)
Figure 9.
Leakage current versus junction
temperature (typical values)
1.E-02
1.E-01
1.E+00
1.E+01
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
I
(A)
FM
V
(V)
FM
T =25°C
j
T =125°C
j
0.01
0.10
1.00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Zth(j-a)/Rth(j-a)
t (S)
p
40
50
60
70
80
90
100
110
120
130
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Rth(j-a)(°C/W)
S
(cm )
CU
2
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
175
I (nA)
R
T (°C)
j
V=
R VRM
V
11.7V
BR
≤
V
11.7V
BR
>



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com