Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XC9116 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC9116
Description  Step-Up DC/DC Converter-Backlight LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9116 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC9116 Datasheet HTML 14Page - Torex Semiconductor XC9116 Datasheet HTML 15Page - Torex Semiconductor XC9116 Datasheet HTML 16Page - Torex Semiconductor XC9116 Datasheet HTML 17Page - Torex Semiconductor XC9116 Datasheet HTML 18Page - Torex Semiconductor XC9116 Datasheet HTML 19Page - Torex Semiconductor XC9116 Datasheet HTML 20Page - Torex Semiconductor XC9116 Datasheet HTML 21Page - Torex Semiconductor XC9116 Datasheet HTML 22Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
XC9116
Series
MARK
PRODUCT SERIES
XC9116 x 02AM x
MARK
Lx OVERVOLTAGE LIMIT
PRODUCT SERIES
B
Available
XC9116B02AM x
D
Not Available
XC9116D02AM x
MARK
OSCILLATION FREQUENCY
PRODUCT SERIES
A
1MHz
XC9116 x 02AM x
MARK
PRODUCT SERIES
K
XC9116 x 02AD x
MARK
Lx OVERVOLTAGE LIMIT
PRODUCT SERIES
B
Available
XC9116B02AD x
D
Not Available
XC9116D02AD x
MARK
③
④
FB VOLTAGE (V)
PRODUCT SERIES
0
2
0.2
XC9116 x 02AD x
MARK
OSCILLATION FREQUENCY
PRODUCT SERIES
A
1MHz
XC9116 x 02AD x
■
MARKING RULE
1
Represents product series
●
SOT-25
F
* Character inversion used.
2
Represents Lx overvoltage limit
3
Represents oscillation frequency
4
Represents production lot number
0 to 9 and A to Z, or inverted characters 0 to 9 and A to Z repeated.
(G, I, J, O, Q, W excepted)
●
USP-6B
1
Represents product series
2
Represents Lx overvoltage limit
34
Represents FB voltage
5
Represents oscillation frequency
6
Represents production lot number
0 to 9 and A to Z repeated (G, I, J, O, Q, W excepted)
* No character inversion used.
SOT-25
(TOP VIEW)
USP-6B
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com