Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STC04IE170HP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STC04IE170HP
Description  Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17OHM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC04IE170HP Datasheet(HTML) 1 Page - STMicroelectronics

  STC04IE170HP Datasheet HTML 1Page - STMicroelectronics STC04IE170HP Datasheet HTML 2Page - STMicroelectronics STC04IE170HP Datasheet HTML 3Page - STMicroelectronics STC04IE170HP Datasheet HTML 4Page - STMicroelectronics STC04IE170HP Datasheet HTML 5Page - STMicroelectronics STC04IE170HP Datasheet HTML 6Page - STMicroelectronics STC04IE170HP Datasheet HTML 7Page - STMicroelectronics STC04IE170HP Datasheet HTML 8Page - STMicroelectronics STC04IE170HP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
November 2006
Rev 2
1/11
11
Order codes
Part Number
Marking
Package
Packing
STC04IE170HP
C04IE170HP
TO247-4LHP
Tube
STC04IE170HP
Emitter switched bipolar transistor
ESBT® 1700V - 4A - 0.17 W
General features
■
High voltage / high current cascode
configuration
■
Low equivalent on resistance
■
Very fast-switch, up to 150 kHz
■
Squared RBSOA, up to 1700 V
■
Very low CISS driven by RG = 47 Ω
■
Very low turn-off cross over time
■
In compliance with the 2002/93/EC European
Directive
Applications
■
Aux SMPS for three phase mains
Description
The
STC04IE170HP
is
manufactured
in
Monolithic ESBT technology, aimed to provide
the best performance in High Frequency / High
voltage applications. It is designed for use in Gate
Driven based topologies.
Internal schematic diagrams
Table 1.
General features
VCS(ON)
IC
RCS(ON)
0.7V
4A
0.17
Ω
TO247-4L HP
www.st.com


Similar Part No. - STC04IE170HP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC04IE170HV STMICROELECTRONICS-STC04IE170HV Datasheet
469Kb / 11P
Emitter switched bipolar transistor ESBT® 1700V - 4A - 0.17 W
11-Sep-2006
STC04IE170HV STMICROELECTRONICS-STC04IE170HV Datasheet
255Kb / 11P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
21-Nov-2006
STC04IE170HV_0611 STMICROELECTRONICS-STC04IE170HV_0611 Datasheet
255Kb / 11P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
21-Nov-2006
More results

Similar Description - STC04IE170HP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC04IE170HV STMICROELECTRONICS-STC04IE170HV Datasheet
469Kb / 11P
Emitter switched bipolar transistor ESBT® 1700V - 4A - 0.17 W
11-Sep-2006
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
26-Sep-2006
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
26-Sep-2006
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
27-Nov-2006
STC05IE150HP STMICROELECTRONICS-STC05IE150HP Datasheet
145Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12OHM
29-Nov-2006
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
12-Jan-2007
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
28-Nov-2006
STC04IE170HV_0611 STMICROELECTRONICS-STC04IE170HV_0611 Datasheet
255Kb / 11P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
21-Nov-2006
STC06IE170HV STMICROELECTRONICS-STC06IE170HV Datasheet
144Kb / 8P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
21-May-2007
STC08IE150HV STMICROELECTRONICS-STC08IE150HV_07 Datasheet
276Kb / 11P
Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
22-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com