Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SN65HVD61 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD61
Description  ControlNet TM TRANSCEIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD61 Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD61 Datasheet HTML 1Page - Texas Instruments SN65HVD61 Datasheet HTML 2Page - Texas Instruments SN65HVD61 Datasheet HTML 3Page - Texas Instruments SN65HVD61 Datasheet HTML 4Page - Texas Instruments SN65HVD61 Datasheet HTML 5Page - Texas Instruments SN65HVD61 Datasheet HTML 6Page - Texas Instruments SN65HVD61 Datasheet HTML 7Page - Texas Instruments SN65HVD61 Datasheet HTML 8Page - Texas Instruments SN65HVD61 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
RX
CD
XF1
XF3
TXEN
TX
TX
CGND
Vcc
CHEN
TSD
SIG
0.1
-+
DGND
VDD
-+
3
14
1
2
4
8
5
7
6
9
11,13
12
10
ControlNet
MAC
HVD61
TXEN
CHEN
CD
TX
TXBAR
RX
ControlNetBus
SN65HVD61
SLLS770A – JANUARY 2007 – REVISED FEBRUARY 2007
ControlNet™ TRANSCEIVER
The third signal receiver function (SIG) provides a
scaled analog output which is proportional to the
• Compatible With the ControlNet Standard
differential voltage between XF1 and XF3. This
• I/O Operates From 2.5-V to 5-V Supply
output can be used for diagnostic purposes.
• Receiver thresholds within –120mV to 120mV
FUNCTIONAL DIAGRAM
• Receiver hysteresis >50mV
• Low Power Standby Mode
• Thermal Shutdown Protection
• Power-Up/Down Glitch-free Bus Inputs and
Outputs
• Short-Circuit Protection on Outputs
• RoHS Compliant
• ControlNet Vendor ID 806
• Industrial Networks
• Programmable Controllers
• Industrial Drives
The
SN65HVD61
is
designed
to
meet
the
requirements for the driver and receiver circuitry of
the ControlNet coaxial-based physical layer.
These devices are single-channel circuits with one
transceiver for single node operation or distributed
stand-alone applications.
The pull-or-pull transmitter circuit is designed to sink
current from a center-tapped transformer, providing
galvanic isolation from the shared bus.
These devices incorporate a differential receiver
(RX)
with
the
120
mV
sensitivity
needed
by
ControlNet industrial applications.
A secondary receiver (CD) detects the presence of a
valid positive differential signal.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
ControlNet is a trademark of ControlNet International, Ltd.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD61

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD61 TI1-SN65HVD61 Datasheet
269Kb / 20P
ControlNet TRANSCEIVER
SN65HVD61 TI2-SN65HVD61 Datasheet
462Kb / 22P
ControlNet™ TRANSCEIVER
REVISED JUNE 2011
SN65HVD61D TI1-SN65HVD61D Datasheet
269Kb / 20P
ControlNet TRANSCEIVER
SN65HVD61D TI2-SN65HVD61D Datasheet
462Kb / 22P
ControlNet™ TRANSCEIVER
REVISED JUNE 2011
SN65HVD61DG4 TI1-SN65HVD61DG4 Datasheet
269Kb / 20P
ControlNet TRANSCEIVER
More results

Similar Description - SN65HVD61

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0403DXB CYPRESS-CYP15G0403DXB Datasheet
2Mb / 43P
Independent Clock Quad HOTLink II-TM Transceiver
logo
Sipex Corporation
SP303 SIPEX-SP303 Datasheet
75Kb / 8P
RS232/AppleTalk TM Serial Transceiver
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
123092A ETC2-123092A Datasheet
104Kb / 3P
ControlNet??Quad Shielded Coax
logo
Texas Instruments
SN65HVD61 TI1-SN65HVD61_15 Datasheet
269Kb / 20P
ControlNet TRANSCEIVER
logo
AUREL S.p.A.
650201364G AUREL-650201364G Datasheet
86Kb / 1P
HIGH POWER TM LoRa transceiver
15.10.2016 - Rev A
650201415G AUREL-650201415G Datasheet
108Kb / 1P
LOW POWER TM LoRa transceiver
15.10.2016 - Rev A
650201428G AUREL-650201428G Datasheet
151Kb / 1P
USB DONGLE TM LoRa transceiver
15.10.2016 - Rev A
650201431G AUREL-650201431G Datasheet
72Kb / 1P
4 CHANNEL DECODER TM LoRa transceiver
15.10.2016 - Rev A
650201375G AUREL-650201375G Datasheet
1Mb / 1P
FOR WIRELESS NETWORK 868 MHz TM RFTide Transceiver
15.10.2016 - Rev A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com