Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP12IE90F4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP12IE90F4
Description  Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12IE90F4 Datasheet(HTML) 5 Page - STMicroelectronics

  STP12IE90F4 Datasheet HTML 1Page - STMicroelectronics STP12IE90F4 Datasheet HTML 2Page - STMicroelectronics STP12IE90F4 Datasheet HTML 3Page - STMicroelectronics STP12IE90F4 Datasheet HTML 4Page - STMicroelectronics STP12IE90F4 Datasheet HTML 5Page - STMicroelectronics STP12IE90F4 Datasheet HTML 6Page - STMicroelectronics STP12IE90F4 Datasheet HTML 7Page - STMicroelectronics STP12IE90F4 Datasheet HTML 8Page - STMicroelectronics STP12IE90F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STP12IE90F4
Electrical characteristics
5/11
2.1
Electrical characteristics (curves)
VCS(dyn)
Collector-source
dynamic voltage
(500ns)
VCC =VClamp =400V
VGS =10V
IC = 6A
IB = 1.2A
tpeak =500ns
RG =47Ω
IBpeak = 6A (IC )
3.37
V
VCS(dyn)
Collector-source
dynamic voltage
(1
µs)
VCC =VClamp =400V
VGS =10V
IC = 6A
IB = 1.2A
tpeak =500ns
RG =47Ω
IBpeak = 6A (IC )
1.75
V
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
Figure 1.
DC current gain
Figure 2.
Collector-source On voltage
Figure 3.
Collector-source On voltage Figure 4.
Base-source On voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com