Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP12IE95F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP12IE95F4
Description  Emitter Switched Bipolar Transistor ESBT 950 V - 12A - 0.083 ohm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12IE95F4 Datasheet(HTML) 1 Page - STMicroelectronics

  STP12IE95F4 Datasheet HTML 1Page - STMicroelectronics STP12IE95F4 Datasheet HTML 2Page - STMicroelectronics STP12IE95F4 Datasheet HTML 3Page - STMicroelectronics STP12IE95F4 Datasheet HTML 4Page - STMicroelectronics STP12IE95F4 Datasheet HTML 5Page - STMicroelectronics STP12IE95F4 Datasheet HTML 6Page - STMicroelectronics STP12IE95F4 Datasheet HTML 7Page - STMicroelectronics STP12IE95F4 Datasheet HTML 8Page - STMicroelectronics STP12IE95F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
January 2007
Rev 1
1/11
11
Order codes
Part Number
Marking
Package
Packing
STP12IE95F4
P12IE95F4
TO220FP-4L
Tube
STP12IE95F4
Emitter Switched Bipolar Transistor
ESBT® 950 V - 12 A - 0.083
Ω
General features
■
High voltage / high current Cascode
configuration
■
Low equivalent on resistance
■
Very fast-switch up to 150 kHz
■
Squared RBSOA up to 950V
■
Very low Ciss driven by RG = 47Ω
■
Very low turn-off cross over time
Applications
■
Flyback SMPS for adapter
■
Flyback / forward SMPS for desktop
Description
The STP12IE95F4 is manufactured in Monolithic
ESBT Technology, aimed to provide best perfor-
mances in high frequency / high voltage applica-
tions.
It is designed for use in Gate Driven based topolo-
gies.
Internal schematic diagrams
VCS(ON)
IC
RCS(ON)
1V
12A
0.083
W
TO220FP-4L
www.st.com


Similar Part No. - STP12IE95F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP12IE90F4 STMICROELECTRONICS-STP12IE90F4 Datasheet
274Kb / 11P
Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
16-Jan-2007
More results

Similar Description - STP12IE95F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
20-Jan-2005
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
29-Mar-2005
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
21-Jan-2005
STC05IE150HV STMICROELECTRONICS-STC05IE150HV Datasheet
118Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12 ohm
30-Nov-2006
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
16-Oct-2006
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
12-Jan-2007
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
01-Dec-2006
STC12IE90HV STMICROELECTRONICS-STC12IE90HV Datasheet
242Kb / 11P
Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
16-Jan-2007
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
28-Nov-2006
STP12IE90F4 STMICROELECTRONICS-STP12IE90F4 Datasheet
274Kb / 11P
Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
16-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com