Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STS20NHS3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS20NHS3LL
Description  N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS20NHS3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STS20NHS3LL Datasheet HTML 1Page - STMicroelectronics STS20NHS3LL Datasheet HTML 2Page - STMicroelectronics STS20NHS3LL Datasheet HTML 3Page - STMicroelectronics STS20NHS3LL Datasheet HTML 4Page - STMicroelectronics STS20NHS3LL Datasheet HTML 5Page - STMicroelectronics STS20NHS3LL Datasheet HTML 6Page - STMicroelectronics STS20NHS3LL Datasheet HTML 7Page - STMicroelectronics STS20NHS3LL Datasheet HTML 8Page - STMicroelectronics STS20NHS3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2007
Rev 5
1/12
12
STS20NHS3LL
N-channel 30V - 0.0032
Ω - 20A - SO-8™
STripFET™III Power MOSFET plus monolithic schottky
General features
■ Optimal RDS(on) x Qg trade-off @ 4.5V
■ Reduced switching losses
■ Reduced conduction losses
■ Improved junction-case thermal resistance
Description
This product utilizes the latest advanced design
rules of ST’s proprietary STripFET™ technology
and a proprietary process for integrating a
monolithic Schottky diode. The new Power
MOSFET is optimized for the most demanding
synchronous switch function in DC-DC converter
for Computer and Telecom.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STS20NHS3LL
30V
0.0042
Ω
20A(1)
1.
This value is rated accordingly to Rthj-pcb
SO-8
www.st.com
Order codes
Part number
Marking
Package
Packaging
STS20NHS3LL
20HS3LL-
SO-8
Tape & reel


Similar Part No. - STS20NHS3LL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STS20NHS3LL ETC1-STS20NHS3LL Datasheet
428Kb / 9P
N-CHANNEL 30 V - 0.0032 廓 - 20 A SO-8 STripFET?줚II MOSFET PLUS MONOLITHIC SCHOTTKY
More results

Similar Description - STS20NHS3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS12NF30L STMICROELECTRONICS-STS12NF30L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.0085W - 12A SO-8 STripFET POWER MOSFET
May-1999
STS2DNFS30L STMICROELECTRONICS-STS2DNFS30L Datasheet
133Kb / 6P
N-CHANNEL 30V - 0.09ohm - 3A SO-8 STripFET™ II MOSFET PLUS SCHOTTKY RECTIFIER
Aug-2001
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L Datasheet
244Kb / 8P
N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET™ II MOSFET PLUS SCHOTTKY RECTIFIER
Jul-2002
STS4DPFS30L STMICROELECTRONICS-STS4DPFS30L Datasheet
264Kb / 8P
P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Oct-2000
STL100NH3LL STMICROELECTRONICS-STL100NH3LL Datasheet
482Kb / 10P
N-CHANNEL 30V - 0.0032ohm - 25A PowerFLAT (6x5) STripFET III MOSFET
10-Oct-2005
STB200NF03 STMICROELECTRONICS-STB200NF03_07 Datasheet
449Kb / 18P
N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_07 Datasheet
394Kb / 12P
N-channel 30V - 0.0032ohm - 25A - PowerFLAT (6x5) STripFET III Power MOSFET
04-Jan-2007
STSJ100NHS3LL STMICROELECTRONICS-STSJ100NHS3LL Datasheet
293Kb / 12P
N-channel 30V - 0.0032ohm - 20A - PowerSO-8 STripFET III Power MOSFET plus monolithic schottky
18-Jul-2006
STS4DNFS30 STMICROELECTRONICS-STS4DNFS30 Datasheet
297Kb / 12P
N-channel - 30V - 0.044ohm - 4.5A SO-8 STripFET tm Power MOSFET plus schottky rectifier
19-Jul-2005
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L_07 Datasheet
290Kb / 12P
N-channel 30V - 0.044ohm - 4A SO-8 STripFET TM MOSFET plus SCHOTTKY rectifier
26-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com