Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM339LVDYYR Datasheet(PDF) 5 Page - Texas Instruments

Part # LM339LVDYYR
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339LVDYYR Datasheet(HTML) 5 Page - Texas Instruments

  LM339LVDYYR Datasheet HTML 1Page - Texas Instruments LM339LVDYYR Datasheet HTML 2Page - Texas Instruments LM339LVDYYR Datasheet HTML 3Page - Texas Instruments LM339LVDYYR Datasheet HTML 4Page - Texas Instruments LM339LVDYYR Datasheet HTML 5Page - Texas Instruments LM339LVDYYR Datasheet HTML 6Page - Texas Instruments LM339LVDYYR Datasheet HTML 7Page - Texas Instruments LM339LVDYYR Datasheet HTML 8Page - Texas Instruments LM339LVDYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
5.3 Pin Functions: LM339LV
1
2
3
4
5
6
7
IN1±
IN1+
IN2±
IN2+
V+
OUT1
OUT2
IN4±
IN3+
IN3±
GND
OUT4
OUT3
IN4+
14
13
12
11
10
9
8
Figure 5-5. D, PW, DYY Package
14-Pin SOIC, TSSOP, SOT-23
Top View
1
V+
12
GND
2
IN1±
11
IN4+
3
NC
10
NC
4
IN1+
9
IN4±
Not to scale
Thermal
Pad
NOTE: Connect exposed thermal pad directly to GND pin.
Figure 5-6. RTE Package
16-Pad WQFN With Exposed Thermal Pad
Top View
Table 5-1. Pin Functions: LM339LV
PIN
I/O
DESCRIPTION
NAME(1)
SOIC
WQFN
OUT2
1
15
Output
Output pin of the comparator 2
OUT1
2
16
Output
Output pin of the comparator 1
V+
3
1
—
Positive supply
IN1–
4
2
Input
Negative input pin of the comparator 1
IN1+
5
4
Input
Positive input pin of the comparator 1
IN2–
6
5
Input
Negative input pin of the comparator 2
IN2+
7
6
Input
Positive input pin of the comparator 2
IN3–
8
7
Input
Negative input pin of the comparator 3
IN3+
9
8
Input
Positive input pin of the comparator 3
IN4–
10
9
Input
Negative input pin of the comparator 4
IN4+
11
11
Input
Positive input pin of the comparator 4
GND
12
12
—
Negative supply
OUT4
13
13
Output
Output pin of the comparator 4
OUT3
14
14
Output
Output pin of the comparator 3
NC
—
3
—
No Internal Connection - Leave floating or GND
NC
—
10
—
No Internal Connection - Leave floating or GND
Thermal Pad
—
PAD
—
Connect directly to GND pin
(1)
Some manufacturers transpose the names of channels 1 & 2. Electrically the pinouts are identical, just a difference in channel naming
convention.
www.ti.com
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4C – JUNE 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com