Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS1108 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS1108
Description  Single Lamp Driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1108 Datasheet(HTML) 2 Page - ON Semiconductor

  CS1108 Datasheet HTML 1Page - ON Semiconductor CS1108 Datasheet HTML 2Page - ON Semiconductor CS1108 Datasheet HTML 3Page - ON Semiconductor CS1108 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CS1108
http://onsemi.com
2
MAXIMUM RATINGS*
Rating
Value
Unit
Storage Temperature
–65 to +150
°C
VCC, Fault, Control
–0.5 to 6.0
V
ESD Capability (Human Body Model)
2.0
kV
Peak Transient Voltage (output off mode, output pin only)
(26 V Load Dump @ 14 V VBAT)
40
V
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
1. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (4.75
≤ VCC ≤ 5.25 V, –40°C ≤ TA ≤ 85°C, –40°C ≤ TJ ≤ 150°C; unless other-
wise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Supply Requirements
VCC Quiescent Current
Output ON
3.0
6.0
mA
VCC Quiescent Current
Output OFF
100
250
µA
Output
Leakage Current
VBAT = 14 V
16
100
µA
Saturation Voltage
IOUTPUT = 350 mA
IOUTPUT = 180 mA
1.1
0.9
1.5
1.3
V
V
VOUTPUT (self–bias)
VCC < 4.5 V, IOUTPUT < 200 mA
3.5
V
Current Sense
Short Circuit Current
350
500
650
mA
Open Circuit Current
Output in the ON state
20
40
60
mA
Control–Input
Input Voltage
Logic = High
Logic = Low
2.0
0.8
V
V
Input Current
Logic = VCC
Logic = 0 V
–50
20
–20
40
µA
µA
Fault Output – (Open Collector)
Output Low Voltage
IFAULT = 250 µA (sink)
0.24
0.40
V
Overtemperature Shutdown
TJ Output Disable Threshold
(Guaranteed by Design)
150
180
°C
TJ Hysteresis
(Guaranteed by Design)
5.0
°C
Note: A fault signal will be shown (at the fault pin) during inrush as the short circuit threshold is exceeded.
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
8 Lead SO Narrow
PIN SYMBOL
FUNCTION
1
Output
Open collector output.
2
VCC
5.0 V regulated supply input.
3
Fault
Open collector diagnostic output low during open load, short
circuit and overtemperature conditions.
4
Control
TTL compatible input.
5, 6, 7, 8
Ground
Signal ground.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com