Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZSPM1035C Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ZSPM1035C
Description  True Digital PWM Controller (Single-Phase, Single-Rail)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM1035C Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ZSPM1035C Datasheet HTML 24Page - Renesas Technology Corp ZSPM1035C Datasheet HTML 25Page - Renesas Technology Corp ZSPM1035C Datasheet HTML 26Page - Renesas Technology Corp ZSPM1035C Datasheet HTML 27Page - Renesas Technology Corp ZSPM1035C Datasheet HTML 28Page - Renesas Technology Corp ZSPM1035C Datasheet HTML 29Page - Renesas Technology Corp ZSPM1035C Datasheet HTML 30Page - Renesas Technology Corp ZSPM1035C Datasheet HTML 31Page - Renesas Technology Corp ZSPM1035C Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
ZSPM1035C / ZSPM1035D Datasheet
© 2016 Integrated Device Technology, Inc.
28
January 25, 2016
4.3.1.
Typical Load Transient Response – ZSPM1035C – Capacitor Range #1 – Comp0
Test conditions: VIN = 12.0V, VOUT = 1.20V
Minimum output capacitance: 2 x 100µF/6.3V X5R
Maximum output capacitance: 3 x 100µF/6.3V X5R + 2 x 47µF/10V X7R
Figure 4.3
ZSPM1035C with Capacitor Range #1 –
Load Step 5 to 15A, Min. Capacitance
Figure 4.4
ZSPM1035C with Capacitor Range #1 –
Load Step 15 to 5A, Min. Capacitance
Figure 4.5
ZSPM1035C with Capacitor Range #1 –
Load Step 5 to 15A, Max. Capacitance
Figure 4.6
ZSPM1035C with Capacitor Range #1 –
Load Step 15 to 5A, Max. Capacitance
Figure 4.7
ZSPM1035C Open Loop Bode Plots with Capacitor Range #1
-180
-150
-120
-90
-60
-30
0
-40
-30
-20
-10
0
10
20
30
40
1
10
100
Frequency [kHz]
Max Caps - Gain
Min Caps - Gain
Max Caps - Phase
Min Caps - Phase
Ch1 (Blue):
VOUT 100mV/div AC
Ch2 (Cyan):
PWM 5V/div DC
Ch3: (Violet): Load Trigger 5V/div DC
Time Scale:
8µs/div
Ch1 (Blue):
VOUT 100mV/div AC
Ch2 (Cyan):
PWM 5V/div DC
Ch3: (Violet): Load Trigger 5V/div DC
Time Scale:
8µs/div
Ch1 (Blue):
VOUT 100mV/div AC
Ch2 (Cyan):
PWM 5V/div DC
Ch3: (Violet): Load Trigger 5V/div DC
Time Scale:
8µs/div
Ch1 (Blue):
VOUT 100mV/div AC
Ch2 (Cyan):
PWM 5V/div DC
Ch3: (Violet): Load Trigger 5V/div DC
Time Scale:
8µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com