Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BES02T2 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES02T2
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02T2 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES02T2 Datasheet HTML 1Page - Balluff Korea Ltd. BES02T2 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Sensors
BES IKO-K-100-P-1-S
Order Code: BES02T2
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 326221
ETIM 6.0: EC002714
BES02T2_0.41_2023-02-20
1 / 2
1) M16x90 plastic screw
Basic features
Approval/Conformity
CE
WEEE
Basic standard
IEC 60947-5-2
Display/Operation
Function indicator
yes
Power indicator
no
Electrical connection
Cable length L
2 m
Conductor cross-section
0.82 mm²
Connection type
Cable, 2.00 m
Number of conductors
3
Short-circuit protection
yes
Electrical data
Operating voltage Ub
10...55 VDC
Rated operating current Ie
400 mA
Rated operating voltage Ue DC
24 V
Rated short circuit current
100 A
Ripple max. (% of Ue)
15 %
Switching frequency
50 Hz
Voltage drop static max.
1.5 V
Environmental conditions
Ambient temperature
-25...70 °C
IP rating
IP67
Interface
Switching output
PNP normally open (NO)
Material
Housing material
PBT
Material sensing surface
PBT


Similar Part No. - BES02T2

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES02T5 BALLUFF-BES02T5 Datasheet
108Kb / 2P
Inductive Sensors
2022-07-15
BES02T9 BALLUFF-BES02T9 Datasheet
112Kb / 2P
Inductive Sensors
2023-06-16
BES02TC BALLUFF-BES02TC Datasheet
100Kb / 2P
Inductive Sensors
BES02TF BALLUFF-BES02TF Datasheet
98Kb / 2P
Inductive Sensors
BES02TK BALLUFF-BES02TK Datasheet
95Kb / 2P
Inductive Sensors
2022-12-22
More results

Similar Description - BES02T2

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05YE BALLUFF-BES05YE Datasheet
117Kb / 2P
Inductive Sensors
BES05YP BALLUFF-BES05YP Datasheet
120Kb / 2P
Inductive Sensors
BES013H BALLUFF-BES013H Datasheet
118Kb / 2P
Inductive Sensors
BES048N BALLUFF-BES048N Datasheet
113Kb / 2P
Inductive Sensors
BES0548 BALLUFF-BES0548 Datasheet
112Kb / 2P
Inductive Sensors
BES00ZK BALLUFF-BES00ZK Datasheet
112Kb / 2P
Inductive Sensors
BES01K9 BALLUFF-BES01K9 Datasheet
112Kb / 2P
Inductive Sensors
BES0447 BALLUFF-BES0447 Datasheet
118Kb / 2P
Inductive Sensors
BES01KF BALLUFF-BES01KF Datasheet
116Kb / 2P
Inductive Sensors
BES01KU BALLUFF-BES01KU Datasheet
104Kb / 2P
Inductive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com