Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BES02TK Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES02TK
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02TK Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES02TK Datasheet HTML 1Page - Balluff Korea Ltd. BES02TK Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES IKU-015.23-G-S4-SA1
Order Code: BES02TK
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 312568
ETIM 6.0: EC002714
BES02TK_0.39_2022-12-22
2 / 2
Material
Housing material
Plastic
Material sensing surface
Plastic
Mechanical data
Dimension
150 x 35 x 35 mm
Installation
non-flush
Tightening torque
3 Nm
Range/Distance
Assured operating distance Sa
9.6 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
12 mm
Real switching distance sr
12 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com