Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPQ4480 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # MPQ4480
Description  6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ4480 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  MPQ4480 Datasheet HTML 1Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 2Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 3Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 4Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 5Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 6Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 7Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 8Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MPQ4480 – 36V, 6A, SYNC STEP-DOWN CONVERTER FOR AEC1-Q100 QUALIFIED
MPQ4480 Rev. 1.0
www.MonolithicPower.com
2
7/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL APPLICATION
PGND
EN
IN
AGND
SW
FB
VIN
12V
L1
4.7µH
VCC
BST
C4
220nF
C2A
10µF
+ C1
100µF
C1A
22µF
ILIM
C3
RGND
FREQ/SYNC
GATE
R1
R2
VDROP
USB_GND
1µF
VOUT
R3
MPQ4480
+
100µF
C2
Polymer
Cap
NC
VOUT = 1V to VIN * Dmax
(ESR < 50mΩ)
Efficiency vs. Output Current
VOUT = 5V, fSW = 440kHz, L = 4.7µH,
DCR = 7mΩ
60
70
80
90
100
01
234
56
7
OUTPUT CURRENT (A)
Vin=6V
Vin=12V
Vin=36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com