Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NAND04GA3C2AN6F Datasheet(PDF) 16 Page - STMicroelectronics

Part # NAND04GA3C2AN6F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN6F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button NAND04GA3C2AN6F Datasheet HTML 12Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 13Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 14Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 15Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 16Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 17Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 18Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 19Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
4 Bus operations
NAND04GA3C2A, NAND04GW3C2A
16/51
4.5
Write Protect
Write Protect bus operations are used to protect the memory against program or erase
operations. When the Write Protect signal is Low the device will not accept program or erase
operations and so the contents of the memory array cannot be altered. The Write Protect
signal is not latched by Write Enable to ensure protection even during power-up.
4.6
Standby
The memory enters Standby mode by driving Chip Enable, E, High. In standby mode, the
device is deselected, outputs are disabled and power consumption is reduced.
Table 5.
Bus Operations
Bus Operation
E
AL
CL
R
W
WP
I/O0 - I/O7
Command Input
VIL
VIL
VIH
VIH
Rising
X(1)
Command
Address Input
VIL
VIH
VIL
VIH
Rising
X
Address
Data Input
VIL
VIL
VIL
VIH
Rising
VIH
Data Input
Data Output
VIL
VIL
VIL
Falling
VIH
X
Data Output
Write Protect
X
X
X
X
X
VIL
X
Standby
VIH
XX
X
X
VIL/VDD
X
1.
WP must be VIH when issuing a Program or Erase command.
Table 6.
Address insertion(1)
Bus Cycle
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
1st
A7
A6
A5
A4
A3
A2
A1
A0
2nd
VIL
VIL
VIL
VIL
A11
A10
A9
A8
3rd
A19
A18
A17
A16
A15
A14
A13
A12
4th
A27
A26
A25
A24
A23
A22
A21
A20
5th
VIL
VIL
VIL
VIL
VIL
VIL
A29
A28
1.
Any additional address input cycles will be ignored.
Table 7.
Address Definitions
Address
Definition
A0 - A11
Column Address
A12 - A18
Page Address
A19 - A29
Block Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com