Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OLI580 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # OLI580
Description  Opto-Isolated High-Speed Power MOSFET Driver for Hybrid Assembly
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

OLI580 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  OLI580 Datasheet HTML 1Page - Skyworks Solutions Inc. OLI580 Datasheet HTML 2Page - Skyworks Solutions Inc. OLI580 Datasheet HTML 3Page - Skyworks Solutions Inc. OLI580 Datasheet HTML 4Page - Skyworks Solutions Inc. OLI580 Datasheet HTML 5Page - Skyworks Solutions Inc. OLI580 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Phone [408] 946-1968 • Fax [408] 946-1960 • hirel.sales@skyworksinc.com • www.skyworksinc.com
202337C • Isolink Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 12, 2017
1
DATA SHEET
OLI580: Opto-Isolated High-Speed Power MOSFET Driver for
Hybrid Assembly
Features
 Performance guaranteed over full military temperature range
 High Common Mode Rejection (CMR), >10 kV/μs
 High speed:
– <200 ns typical delay time
– <45 ns typical tr and tf
 Under-Voltage Lock Out (UVLO) with hysteresis
 Operating range of 10 V to 18 V
 High output current
Description
The OLI580 is an opto-coupled non-inverting power Metal Oxide
Semiconductor/Silicon Field-Effect Transistor (MOSFET) driver for
the hybrid assembly of switching loads where electrical isolation
is required.
Each unit consists of an LED that is optically coupled to a Bi-polar
Complementary Metal Oxide Semiconductor (BiCMOS) driver
integrated circuit, and packaged in a chip carrier for hybrid
assembly that provides 1500 V of input/output insulation and over
10 kV/μs of CMR. The integrated driver and active pull-down
circuit can drive high peak currents into a 1000 pF capacitive load
(CLOAD) with fast output rise and fall times. Energizing the input
LED produces a logic high output.
The UVLO circuitry in the output trips at 7.5 V, and forces the
output to low. The UVLO circuit with hysteresis ensures proper
operation during power-up, and prevents damage during brown-
out conditions.
All terminals are fully protected against up to 4 kV of electrostatic
discharge (ESD). Device mounting is achieved by a standard
hybrid assembly with non-conductive epoxies. Gold or aluminum
wire bonding can be used to make electrical connections for
maximum placement flexibility.
Note: Certain cleaning processes may be harmful to this device.
Contact Isolink for details.
VDD
3
4
VOUT
2
GND
Anode
1
Cathode
6
202337-001
Figure 1. OLI580 Block Diagram
Figure 1 shows the OLI580 functional block diagram. Table 1
provides the OLI580 absolute maximum ratings. Table 2 provides
the OLI580 electrical specifications.
Figures 2 through 4 illustrate the OLI580 typical performance
characteristics. Figure 5 shows the OLI580 switching test circuit.
Figure 6 provides the OLI580 package dimensions.


Similar Part No. - OLI580

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
OLI500 SKYWORKS-OLI500 Datasheet
521Kb / 6P
Miniature High CMR, High-Speed Logic Gate Optocoupler for Hybrid Assembly
August 4, 2021
logo
OSRAM GmbH
OLI5050V.A1-850-A OSRAM-OLI5050V.A1-850-A Datasheet
673Kb / 11P
BIDOS® Core
Version 1.1 2021-10-05
OLI5050V.A1-940-A OSRAM-OLI5050V.A1-940-A Datasheet
737Kb / 11P
BIDOS® Core
Version 1.2 2022-12-09
More results

Similar Description - OLI580

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
logo
Teledyne Technologies I...
TC4803 TELEDYNE-TC4803 Datasheet
359Kb / 5P
1.4A HIGH - SPEED OPTO-ISOLATED POWER MOSFET DRIVER
logo
Semtech Corporation
SC1205H SEMTECH-SC1205H Datasheet
228Kb / 13P
high speed syncronous power mosfet driver
logo
Bedford Opto Technology...
OPI2000 BOT-OPI2000 Datasheet
37Kb / 3P
High Speed Opto Isolator
OPI2000MK BOT-OPI2000MK Datasheet
133Kb / 2P
High Speed Opto Isolator
logo
International Rectifier
PVI5013RPBF IRF-PVI5013RPBF_15 Datasheet
278Kb / 5P
Opto Isolated MOSFET Gate Driver
PVI5033RPBF IRF-PVI5033RPBF_15 Datasheet
268Kb / 5P
Opto Isolated MOSFET Gate Driver
logo
Skyworks Solutions Inc.
OLH5800 SKYWORKS-OLH5800 Datasheet
308Kb / 6P
Hermetic Opto-Isolated High-Speed Power MOSFET Drivers
June 23, 2017
OLI300 SKYWORKS-OLI300 Datasheet
486Kb / 5P
Miniature High-Speed Optocoupler for Hybrid Assembly
August 4, 2021
OLI600 SKYWORKS-OLI600 Datasheet
530Kb / 6P
Miniature High-Speed Schmitt Trigger Optocoupler for Hybrid Assembly
August 5, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com