Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SST38VF6401 Datasheet(PDF) 15 Page - Microchip Technology

Part # SST38VF6401
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6401 Datasheet(HTML) 15 Page - Microchip Technology

Back Button SST38VF6401_V01 Datasheet HTML 11Page - Microchip Technology SST38VF6401_V01 Datasheet HTML 12Page - Microchip Technology SST38VF6401_V01 Datasheet HTML 13Page - Microchip Technology SST38VF6401_V01 Datasheet HTML 14Page - Microchip Technology SST38VF6401_V01 Datasheet HTML 15Page - Microchip Technology SST38VF6401_V01 Datasheet HTML 16Page - Microchip Technology SST38VF6401_V01 Datasheet HTML 17Page - Microchip Technology SST38VF6401_V01 Datasheet HTML 18Page - Microchip Technology SST38VF6401_V01 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
©2015-2018 Microchip Technology Inc
DS20005015D
15
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Hardware Block Protection
The SST38VF6402 and SST38VF6404 devices support top hardware block protection, which protects
the top boot block of the device. For SST38VF6402, the boot block consists of the top 32 KWord block,
and for SST38VF6404 the boot block consists of the top two 4 KWord sectors (8 KWord total).
The SST38VF6401 and SST38VF6403 devices support bottom hardware block protection, which pro-
tects the bottom boot block of the device. For SST38VF6401, the boot block consists of the bottom 32
KWord block, and for SST38VF6403 the Boot Block consists of the bottom two 4 KWord sectors (8
KWord total). The boot block addresses are described in Table 5.
Program and Erase operations are prevented on the Boot Block when WP# is low. If WP# is left float-
ing, it is internally held high via a pull-up resistor. When WP# is high, the Boot Block is unprotected,
which allows Program and Erase operations on that area.
Hardware Reset (RST#)
The RST# pin provides a hardware method of resetting the device to read array data. When the RST#
pin is held low for at least TRP, any in-progress operation will terminate and return to Read mode.
When no internal Program/Erase operation is in progress, a minimum period of TRHR is required after
RST# is driven high before a valid Read can take place. See Figure 20 for more information.
The interrupted Erase or Program operation must be re-initiated after the device resumes normal oper-
ation mode to ensure data integrity.
Software Data Protection (SDP)
The SST38VF6401/6402/6403/6404 devices implement the JEDEC approved Software Data Protection
(SDP) scheme for all data alteration operations, such as Program and Erase. These devices are
shipped with the Software Data Protection permanently enabled. See Table 11 for the specific software
command codes.
All Program operations require the inclusion of the three-byte sequence. The three-byte load
sequence is used to initiate the Program operation, providing optimal protection from inadvertent Write
operations. SDP for Erase operations is similar to Program, but a six-byte load sequence is required
for Erase operations.
During SDP command sequence, invalid commands will abort the device to read mode within TRC. The
contents of DQ15-DQ8 can be VIL or VIH, but no other value, during any SDP command sequence.
Table 5: Boot Block Address Ranges
Product
Size
Address Range
Bottom Boot Uniform
SST38VF6401
32 KW
000000H-007FFFH
Top Boot Uniform
SST38VF6402
32 KW
3F8000H-3FFFFFH
Bottom Boot Non-Uniform
SST38VF6403
8 KW
000000H-001FFFH
Top Boot Non-Uniform
SST38VF6404
8 KW
3FE000H-3FFFFFH
T5.0 20005015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com