Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SD1691 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD1691
Description  LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1691 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD1691 Datasheet HTML 1Page - Unisonic Technologies 2SD1691 Datasheet HTML 2Page - Unisonic Technologies 2SD1691 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC 2SD1691 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R217-003,A
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN
TYP. MAX. UNIT
Turn On Time
Ton
0.2
1
Storage Time
Tstg
1.1
2.5
Switching Time
Fall Time
Tf
20μsec
IB1
IB2
IB1=-IB2=0.2A
DUTY CYCLE≦1%
INPUT
IB1
IB2
OUTPUT
Vcc=10V
5Ω
Ω
0.2
1
μ
s
* : Pulse test: PW≦50μS, Duty Cycle≦2% Pulse
CLASSIFICATION OF hFE2
RANK
O
Y
RANGE
160-320
200-400
ELECTRICAL CHARACTERISTICS CURVES
Pc - Ta
0
0
AMBIENT TEMPERATURE Ta(℃)
25
20
15
10
5
50
100
150
200
dT - Tc
0
0
CASE TEMPERATURE Tc(℃)
160
140
120
100
80
25
50
75
100
60
40
20
125
150
175 200
S/b L
imite
d
Dis
sipa
tion
Lim
ited
SAFE OPERATING AREA
10
5
3
1
0.5
0.3
0.1
1
35
10
COLLECTOR-EMITTER VOLTAGE VCE (V)
30
50
100
Ic(Pulse)MAX.
Ic(DC)MAX.
*SINGLE NONREPETIVE
PULSE Ta=25℃
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
INTEMPERATURE
Dis
sip
atio
n L
im
ited
s/b
Lim
ited
2m
s*
10m
s*
REVERSE BIAS
SAFE OPERATING AREA
0
0
COLLECTOR-EMITTER VOLTAGE VCE(V)
10
8
6
4
2
20
40
60
80
100
1
2
200
ms
Tc=Ta
INFINITE HEAT SINK
NO HEAT SINK
1
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com