| Electronic Components Datasheet Search |
|
97-252 Datasheet(PDF) 11 Page - Laird Tech Smart Technology |
|
|
|||||||||||||||||||||||||||||
97-252 Datasheet(HTML) 11 Page - Laird Tech Smart Technology |
|
11 / 64 page ![]() UNIVERSAL MOUNTING A stainless steel mounting track is available for use with our full line of gasketing materials. Its unique design offers a secure mounting option versatile enough for use with fingerstock, ElectroNit® mesh, ElectroSeal elastomers, UltraSoft® Knit and fabric-over-foam products. PART WIDTH NUMBER 0095-X996-00 0.310 (7.874) 0095-X997-00 0.430 (10.922) 0095-X998-00 0.600 (15.240) To identify proper mounting track, select width and corresponding part number from the above chart. Replace the “X” with required material thickness. MATERIAL THICKNESS A = 0.030 (0.762) B = 0.045 (1.143) C = 0.060 (1.524) D = 0.090 (2.286) E = 0.150 (3.810) 1.9 www.lairdtech.com All dimensions shown are in inches (millimeters) unless otherwise specified. PART NUMBER CROSS REFERENCE # UNIVERSAL MOUNT X = MATERIAL THICKNESS 0.145 (3.683) 0.699 (17.755) 14.898 (378.409) 1.500 (38.100) 0.356 (9.042) 0.205 (5.207) 0.018 (0.457) 0.205 (5.207) DETAIL “A” SEE DETAIL “A” W MOUNTING METHODS PART NO. PRODUCT SIZE PAGE NO. 97-913 SOLID TOP SYMMETRICAL SLOTTED SHIELDING 15 (381.000) LENGTH Page 2-8 97-915 SOLID TOP SYMMETRICAL SLOTTED SHIELDING 15 (381.000) LENGTH Page 2-8 97-916 SOLID TOP SYMMETRICAL SLOTTED SHIELDING 15 (381.000) LENGTH Page 2-8 97-918 SOLID TOP SYMMETRICAL SLOTTED SHIELDING 15 (381.000) LENGTH Page 2-8 97-919 SOLID TOP SYMMETRICAL SLOTTED SHIELDING 15 (381.000) LENGTH Page 2-8 97-921 FLEXIBLE LOW COMPRESSION SERIES 24 (609.600) LENGTH Page 2-15 97-941 FLEXIBLE LOW COMPRESSION SERIES 24 (609.600) LENGTH Page 2-15 97-951 SYMMETRICAL SLOTTED SHIELDING 15 (381.000) LENGTH Page 2-7 97-952 SYMMETRICAL SLOTTED SHIELDING 15 (381.000) LENGTH Page 2-7 97-954 SYMMETRICAL SLOTTED SHIELDING 15 (381.000) LENGTH Page 2-7 97-955 SYMMETRICAL SLOTTED SHIELDING 15 (381.000) LENGTH Page 2-7 97-957 SYMMETRICAL SLOTTED SHIELDING 15 (381.000) LENGTH Page 2-7 97-958 SYMMETRICAL SLOTTED SHIELDING 15 (381.000) LENGTH Page 2-7 97-964 RETENTION CLIP Page 2-8 97-965 RETENTION CLIP Page 2-8 97-966 RETENTION CLIP Page 2-8 97-972 DIVIDER EDGE SHIELD 12 (304.800) LENGTH Page 2-18 97-973 CARD GUIDE CLIP-ON Page 2-18 97-974 MINI-LONGITUDINAL GROUNDING GASKET 16 (406.400) LENGTH Page 2-20 97-975 LONGITUDINAL GROUNDING SERIES 18.75 (476.250) LENGTH Page 2-21 97-976 CLIP-ON LONGITUDINAL GROUNDING STRIP 17 (431.800) LENGTH Page 2-20 97-983 CARD GUIDE CLIP-ON Page 2-18 98-XXX Most standard profiles are available in UltraSoft® low compression force (78 and 98) series. Please call our sales department for availability. LT-3034 Metals_catalog 10/8/04 10:30 AM Page 1.9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |