Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRMDAC3 Datasheet(PDF) 3 Page - International Rectifier

Part # IRMDAC3
Description  Reference Design Kit: 3-Phase 460VAC 3HP Motor Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMDAC3 Datasheet(HTML) 3 Page - International Rectifier

  IRMDAC3 Datasheet HTML 1Page - International Rectifier IRMDAC3 Datasheet HTML 2Page - International Rectifier IRMDAC3 Datasheet HTML 3Page - International Rectifier IRMDAC3 Datasheet HTML 4Page - International Rectifier IRMDAC3 Datasheet HTML 5Page - International Rectifier IRMDAC3 Datasheet HTML 6Page - International Rectifier IRMDAC3 Datasheet HTML 7Page - International Rectifier IRMDAC3 Datasheet HTML 8Page - International Rectifier IRMDAC3 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Brake Function
In order to use the integrated brake switch, an external power resistor should be connected between pins BR and
P of terminal block J5. This resistor should be dimensioned for desired braking performance. Carefully choose the
value of this component to ensure the brake IGBT integrated within the power module remains below its maximum
current capability.
2. Power Module Description
The power module integrates all rectifiers, ultra-fast short circuit rated IGBTs, fast recovery commutation diodes ,
brake IGBT and other processing components needed for a 3HP Motor Drive or other loads requiring a 3-phase
variable frequency and/or PWM drive. Semiconductor dice are mounted on a thermally effecient substrate and
housed within a convenient, potted module. When connected to the host PCB, the power components become
configured as a 3-phase input bridge rectifier, and IGBT inverter with current sensing shunt resistors. An NTC
thermistor is bonded to the substrate to furnish the host PCB with accurate temperature reading. A galvanically
isolated metal backplate provides excellent thermal coupling to an external heatsink, which is necessary for full-
load operation.
Circuit Layout within the module is carefully designed to minimize inductance in the power path, reduce noise
during inverter operation and to improve inverter efficiency. The IR2233 host board should be soldered to the power
module pins to complete the assembly. For detailed electrical specifications, please refer to the power module
datasheet.
IRMDAC3
Reference Design Data Sheet (October 1998)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com