Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STG5682 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG5682
Description  Low voltage dual SPDTswitch with negative rail capacitance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5682 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG5682 Datasheet HTML 4Page - STMicroelectronics STG5682 Datasheet HTML 5Page - STMicroelectronics STG5682 Datasheet HTML 6Page - STMicroelectronics STG5682 Datasheet HTML 7Page - STMicroelectronics STG5682 Datasheet HTML 8Page - STMicroelectronics STG5682 Datasheet HTML 9Page - STMicroelectronics STG5682 Datasheet HTML 10Page - STMicroelectronics STG5682 Datasheet HTML 11Page - STMicroelectronics STG5682 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Electrical characteristics
STG5682
8/16
Symbol
Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
ID
D ON State
Leakage
Current
4.3
VS = Open
VD = 4.3 to -1.2V
-0.1
0.1
-1
1
µA
IIH,IIL
SEL
Leakage
Current
4.3
VSEL=4.3V or GND
-0.1
0.1
-1
1
µA
ICCLV
Quiescent
Supply
Current Low
Voltage
Driving
4.3
V1SEL, V2SEL = 1.65V
±37
±50
±100
µA
V1SEL, V2SEL = 1.80V
±33
±40
±50
V1SEL, V2SEL = 2.60V
±12
±20
±30
1.
Note 1:
∆Ron = max |mSN-nSN|, where m = 1..4 and n = 1..4, N = 1..2
2.
Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Table 5. DC specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com