Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OVR40150P Datasheet(PDF) 13 Page - ABB

Part # OVR40150P
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40150P Datasheet(HTML) 13 Page - ABB

Back Button OVR40150P Datasheet HTML 9Page - ABB OVR40150P Datasheet HTML 10Page - ABB OVR40150P Datasheet HTML 11Page - ABB OVR40150P Datasheet HTML 12Page - ABB OVR40150P Datasheet HTML 13Page - ABB OVR40150P Datasheet HTML 14Page - ABB OVR40150P Datasheet HTML 15Page - ABB OVR40150P Datasheet HTML 16Page - ABB OVR40150P Datasheet HTML 17Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
Surge
Pr
otective
Devices
Low Voltage Products & Systems
16.11
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
16
16
OVRNE12320480DX
OVRNE12320480D
OVRNE12160480DX
OVRNE12160480D
OVRNE12320277YX
OVRNE12320277Y
OVRNE12160277YX
OVRNE12160277Y
OVRNE12320120SPX
OVRNE12320120SP
OVRNE12160120SPX
OVRNE12160120SP
Technical characteristics
Service voltage
480V Delta
480/277V Wye
240/120V Split phase
Application
Service entrance
Service entrance
Service entrance
Phases
3
3
2
Mode of protection
L-L / L-N / L-G / N-G
L-L / L-N / L-G / N-G
L-L / L-N / L-G / N-G
Surge capacity/phase (Imax)
kA
160 or 320
160 or 320
160 or 320
Maximum continuous operating voltage (MCOV)
V
550
320
150
Voltage protection rating (VPR - UL 3rd Ed.)
L-N
V
/
1200
900
L-L
V
1800
2000
1200
L-G
V
1800
1200
800
N-G
V
/
1200
800
Nominal discharge current (In)
kA
10
10
10
Short circuit current rating (SCCR)
kA
200
200
200
AC power frequency
Hz
50-60
50-60
50-60
Thermal fuse
Type J 100A
Type J 100A
Type J 100A
EMI/RFI filtering
dB
-30
-30
-30
Mechanical characteristics
Connection terminals
Inches
1/4 - 5/16 - 3/8 - 1/2
1/4 - 5/16 - 3/8 - 1/2
1/4 - 5/16 - 3/8 - 1/2
Terminal torque
Nm
6-75
6-75
6-75
Auxiliary contact connection terminals
AWG
22 - 12
22 - 12
22 - 12
Auxiliary contact terminal torque
Nm
1
1
1
Front display
Yes
Yes
Yes
LED indicators
Yes
Yes
Yes
Audible alarm
Yes
Yes
Yes
Auxiliary contact
Yes
Yes
Yes
Surge counter
Yes - Option “X”
Yes - Option “X”
Yes - Option “X”
Enclosure material
Painted steel
Painted steel
Painted steel
Enclosure rating
NEMA 12
NEMA 12
NEMA 12
Dimensions H x W x D (approx.)
Inches
24'' x 16'' x 8''
24'' x 16'' x 8''
24'' x 16'' x 8''
Weight (approx.)
lbs
40
40
40
Miscellaneous characteristics
Stocking temperature
32°F (0°C) to 104°F (40°C)
32°F (0°C) to 104°F (40°C)
32°F (0°C) to 104°F (40°C)
Operating temperature
32°F (0°C) to 104°F (40°C)
32°F (0°C) to 104°F (40°C)
32°F (0°C) to 104°F (40°C)
Maximum altitude
6600 feet (2000 m)
6600 feet (2000 m)
6600 feet (2000 m)
Fire resistance according to UL 94
V0
V0
V0
Approvals
ANSI/UL 1449 3rd Ed.
ANSI/UL 1449 3rd Ed.
ANSI/UL 1449 3rd Ed.
Meets IEEE requirements
Meets IEEE requirements
Meets IEEE requirements
Replacement MOV block
OVR1N160480PS (power
supply)
OVR1N160480
OVR1N160277PS (power
supply)
OVR1N160277
OVR1N160120PS (power
supply)
OVR1N160120
Technical data
OVR NE12 enclosed SPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com