Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8986GECO/V Datasheet(PDF) 51 Page - Wolfson Microelectronics plc

Part # WM8986GECO/V
Description  Multimedia DAC With Class D Headphone and Line Out
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8986GECO/V Datasheet(HTML) 51 Page - Wolfson Microelectronics plc

Back Button WM8986GECO/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8986GECO/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8986GECO/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8986GECO/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8986GECO/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8986GECO/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8986GECO/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8986GECO/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8986GECO/V Datasheet HTML 55Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 87 page
background image
Pre-Production
WM8986
w
PP, Rev 3.1, February 2007
51
In I2S mode, the MSB is available on the second rising edge of BCLK following a LRC transition. The
other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency
and sample rate, there may be unused BCLK cycles between the LSB of one sample and the MSB of
the next.
Figure 29 I
2S Audio Interface (assuming n-bit word length)
In DSP/PCM mode, the left channel MSB is available on either the 1st (mode B) or 2nd (mode A)
rising edge of BCLK (selectable by LRP) following a rising edge of LRC. Right channel data
immediately follows left channel data. Depending on word length, BCLK frequency and sample rate,
there may be unused BCLK cycles between the LSB of the right channel data and the next sample.
In device master mode, the LRC output will resemble the LRC pulse shown in Figure 30 and Figure
31. In device slave mode, Figure 32 and Figure 33, it is possible to use any length of LRC pulse less
than 1/fs, providing the falling edge of the LRC pulse occurs greater than one BCLK period before the
rising edge of the next LRC pulse.
Figure 30 DSP/PCM Mode Audio Interface (mode A, LRP=0, Master)
Figure 31 DSP/PCM Mode Audio Interface (mode B, LRP=1, Master)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com