Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM9705SEFT/V Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM9705SEFT/V
Description  Multimedia AC??7 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705SEFT/V Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM9705SEFT/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM9705SEFT/V Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.4 August 2006
40
PEN DIGITISER OPERATION
The pen digitiser function comprises a 12 bit successive approximation ADC, with a multi-channel
input multiplexor to select which signal to convert, and a switching matrix to control driving of
signals to the resistive touchscreen plates. A finite state machine is provided in order to control
and sequence conversion operations.
A pen-down detection scheme is provided to allow detection of when the pen is in contact with the
screen. This allows for the touchscreen to only be driven whilst the pen is down, saving on
unnecessary power consumption. This minimises any degradation in audio performance that may
occur due to the significant currents that flow through the on-chip screen drive switches. Figure 18
shows symbolically these component elements and their connectivity.
ADC ip Mux
Rscrx
Rscry
Rpen
Y+
Y-
X+
X-
12 bit
SAR
ADC
Vref+
Vref-
Y+
X+
Y-
X-
PHONE
PCBEEP
AUXADC
BMON
AUX
input
MUX
PDRES
PENDET
BUSY
12 bit op
Rpusw
Xswp
Xswn
Yswn
Pressure switch
Rpu
Pen Controller
State machine
and AC link
interface
MASK
Switch control
ADC control
Pen detect
comparator
Vref+ switches
Vref- switches
Ipress
Yswp
Vrswap
Vrswyp
Vrswxp
Vrswxn
Vrswyn
Vrswan
MXxp
MXyn
MXxn
MXaux
MXyp
Prsw
Figure 18 Pen Digitiser Block Diagram
Y+
X+
X-
Y-
Rpen
A/D
converter
Vrswyn
Vrswyp
Yswn
Yswp
MXxp
MXxn
Figure 19 Y Position Conversion
Y+
X+
X-
Y-
Rpen
A/D
converter
Vrswxn
Vrswxp
Xswn
Xswp
MXyp
MXyn
Figure 20 X Position Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com