Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AATS643LSH Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # AATS643LSH
Description  Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AATS643LSH Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button AATS643LSH_06 Datasheet HTML 3Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 4Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 5Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 6Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 7Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 8Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 9Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 10Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Self-Calibrating, Zero-Speed Differential
Gear Tooth Sensor with Continuous Update
ATS643LSH
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Characteristic Data (continued)
Data taken from 3 lots, 30 pieces/lot; I1 trim
ICC (Low)
3
4
5
6
7
8
9
–50
0
50
100
150
200
ICC(Low)
3
4
5
6
7
8
9
0
5
10
15
20
25
30
Vcc (V)
ICC(High)
11
12
13
14
15
16
17
–50
0
50
100
150
200
TA (°C)
26.5V
20V
12V
4V
ICC(High)
11
12
13
14
15
16
17
0
5
10
15
20
25
30
Vcc (V)
TA (°C)
26.5
20.0
12.0
4.0
VCC
26.5
20.0
12.0
4.0
VCC
150
85
25
0
–40
TA (ºC)
150
85
25
0
–40
TA (ºC)
BHYS
ICC(High)
ICC(Low)
B+
I+
Hysteresis of ΔIICC
Switching Due to ΔB
Output current in relation to sensed mag-
netic flux density. Transition through BOP
must precede by transition through BRP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com