Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8367ARUZ1 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8367ARUZ1
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367ARUZ1 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8367ARUZ1 Datasheet HTML 16Page - Analog Devices AD8367ARUZ1 Datasheet HTML 17Page - Analog Devices AD8367ARUZ1 Datasheet HTML 18Page - Analog Devices AD8367ARUZ1 Datasheet HTML 19Page - Analog Devices AD8367ARUZ1 Datasheet HTML 20Page - Analog Devices AD8367ARUZ1 Datasheet HTML 21Page - Analog Devices AD8367ARUZ1 Datasheet HTML 22Page - Analog Devices AD8367ARUZ1 Datasheet HTML 23Page - Analog Devices AD8367ARUZ1 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8367
Rev. A | Page 21 of 24
OUTLINE DIMENSIONS
4.50
4.40
4.30
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65
BSC
SEATING
PLANE
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
8°
0°
0.75
0.60
0.45
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153AB-1
Figure 46. 14-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-14)
Dimension shown millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8367ARU
−40°C to +85°C
14-Lead TSSOP, Tube
RU-14
AD8367ARU-REEL-7
−40°C to +85°C
14-Lead TSSOP, 7" Tape and Reel
RU-14
AD8367ARUZ1
−40°C to +85°C
14-Lead TSSOP, Tube
RU-14
AD8367ARUZ-RL71
−40°C to +85°C
14-Lead TSSOP, 7" Tape and Reel
RU-14
AD8367-EVAL
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com