Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADCMP352 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP352
Description  Comparators and Reference Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP352 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP352 Datasheet HTML 4Page - Analog Devices ADCMP352 Datasheet HTML 5Page - Analog Devices ADCMP352 Datasheet HTML 6Page - Analog Devices ADCMP352 Datasheet HTML 7Page - Analog Devices ADCMP352 Datasheet HTML 8Page - Analog Devices ADCMP352 Datasheet HTML 9Page - Analog Devices ADCMP352 Datasheet HTML 10Page - Analog Devices ADCMP352 Datasheet HTML 11Page - Analog Devices ADCMP352 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADCMP350/ADCMP352/ADCMP354/ADCMP356
Rev. 0 | Page 8 of 12
10
20
40
50
60
70
80
90
100
30
2.25 2.40 2.70 3.00 3.30
5.50
SUPPLY VOLTAGE (V)
3.60 3.90 4.20 4.50 4.80 5.20
0
Figure 15. Short-Circuit Sink Current vs. Supply Voltage
(Vcc = 3.3, PUSH-PULL Only)
5
15
20
25
10
80
90
100 110
130
INPUT OVERDRIVE (mV)
0
10
120
70
60
50
40
30
20
tPLH
tPHL
Figure 16. Propagation Delay vs. Input Overdrive (Vcc = 3.3, PUSH-PULL Only)
CH1 20mV/DIV
CH2 1.00V/DIV
TIMEBASE: 10
µs/DIV
1
2
CH1 = VIN
CH2 = VOUT
Figure 17. Propagation Delay Timing, 10 mV Overdrive
CH1 100mV/DIV
CH2 1.00V/DIV
TIMEBASE: 10
µs/DIV
1
2
CH1 = VIN
CH2 = VOUT
Figure 18. Propagation Delay Timing, 100 mV Overdrive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com