Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ECM85 Datasheet(PDF) 1 Page - TOKO, Inc

Part # ECM85
Description  SURFACE MOUNT COMMON MODE FILTER FOR DC POWER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

ECM85 Datasheet(HTML) 1 Page - TOKO, Inc

  ECM85 Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM85
SURFACE MOUNT COMMON MODE FILTER FOR DC POWER
DESCRIPTION
The TOKO ECM85 is a surface mount
common mode choke coil designed for DC
power line applications up to 5 Amps. The
product is specifically designed for use
between the DC-DC converter and external
AC adapter in portable platforms such as
notebook computers.
1
2
4
3
Top View
FEATURES
DIMENSIONS
8.6x8.0mm footprint
4.7mm maximum height
Maximum DC Current: 5A
Closed magnetic circuit structure
Reflow solderable
Packaged on 500 piece reels
Units: mm
Suggested
Footprint
Tolerance: ±0.3mm
Pin Marking (Pin #1)
ELECTRICAL CHARACTERISTICS
Common Mode Impedance
10
100
1000
1
10
100
1000
10000
Frequency [MHz]
Common Mode Attenuation
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
10000
Frequency (MHz)
The information furnished by TOKO, Inc., is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification, or
manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for infringements of
patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
TOKO America, Inc.
1250 Feehanville Drive, Mt. Prospect, IL 60056
Tel: 800-PIK-TOKO or 847-297-0070 Fax: 847-699-7864 Web: http:// www.tokoam.com
July 2002
1
 2002 TOKO America, Inc.
CF-263-ECM85
All Rights Reserved
Printed in USA


Similar Part No. - ECM85

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
Compact Size
logo
List of Unclassifed Man...
ECM-10 ETC-ECM-10 Datasheet
517Kb / 2P
ELECTRET CONDENSER MICROPHONE UNIT
logo
Ecliptek Corporation
ECM-20-30.000M-GA ECLIPTEK-ECM-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-GTR ECLIPTEK-ECM-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-I2A ECLIPTEK-ECM-20-30.000M-I2A Datasheet
109Kb / 3P
CRYSTAL
More results

Similar Description - ECM85

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-487 RHOMBUS-IND-L-487 Datasheet
41Kb / 1P
Common Mode Inductor For DC/DC Power supply
01/08/01
L-521 RHOMBUS-IND-L-521 Datasheet
51Kb / 1P
Common Mode Inductor For DC/DC Power supply
9/23/99
L-522 RHOMBUS-IND-L-522 Datasheet
40Kb / 1P
Common Mode Inductor For DC/DC Power supply
11/20/02
L-669 RHOMBUS-IND-L-669 Datasheet
50Kb / 1P
Common Mode Inductor For DC/DC Power supply
01/08/01
L-670 RHOMBUS-IND-L-670 Datasheet
42Kb / 1P
Common Mode Inductor For DC/DC Power supply
11/08/01
L-694 RHOMBUS-IND-L-694 Datasheet
51Kb / 1P
Common Mode Inductor For DC/DC Power supply
4/26/01
L-1028 RHOMBUS-IND-L-1028 Datasheet
39Kb / 1P
Common Mode Inductor For DC/DC Power supply
01/08/00
L-1028V RHOMBUS-IND-L-1028V Datasheet
46Kb / 1P
Common Mode Inductor For DC/DC Power supply
02/28/02
logo
LinkCom Manufacturing C...
LCMF4520P1 LINKCOM-LCMF4520P1 Datasheet
71Kb / 2P
Common Mode SMD Filter for Power Line
LCMF7060P1 LINKCOM-LCMF7060P1 Datasheet
192Kb / 3P
Common Mode SMD Filter for Power Line
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com