Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8328 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8328
Description  5 V Upstream Cable Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328 Datasheet(HTML) 1 Page - Analog Devices

  AD8328_05 Datasheet HTML 1Page - Analog Devices AD8328_05 Datasheet HTML 2Page - Analog Devices AD8328_05 Datasheet HTML 3Page - Analog Devices AD8328_05 Datasheet HTML 4Page - Analog Devices AD8328_05 Datasheet HTML 5Page - Analog Devices AD8328_05 Datasheet HTML 6Page - Analog Devices AD8328_05 Datasheet HTML 7Page - Analog Devices AD8328_05 Datasheet HTML 8Page - Analog Devices AD8328_05 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
5 V Upstream
Cable Line Driver
AD8328
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Supports DOCSIS and EuroDOCSIS standards for reverse
path transmission systems
Gain programmable in 1 dB steps over a 59 dB range
Low distortion at 60 dBmV output
−57.5 dBc SFDR at 21 MHz
−54 dBc SFDR at 65 MHz
Output noise level @ minimum gain 1.2 nV/√Hz
Maintains 300 Ω output impedance Tx-enable and
Tx-disable condition
Upper bandwidth: 107 MHz (full gain range)
5 V supply operation
Supports SPI interfaces
APPLICATIONS
DOCSIS and EuroDOCSIS cable modems
CATV set-top boxes
CATV telephony modems
Coaxial and twisted pair line drivers
FUNCTIONAL BLOCK DIAGRAM
DIFF
OR
SINGLE
INPUT
AMP
8
8
8
AD8328
VIN+
VERNIER
BYP
GND
RAMP
POWER-DOWN
LOGIC
POWER
AMP
ATTENUATION
CORE
DECODE
DATA LATCH
SHIFT
REGISTER
VIN–
SDATA CLK
TXEN
ZOUT DIFF =
300Ω
VOUT–
VOUT+
ZIN (SINGLE) = 800Ω
ZIN (DIFF) = 1.6kΩ
DATEN
SLEEP
Figure 1.
GENERAL DESCRIPTION
The AD83281 is a low cost amplifier designed for coaxial line
driving. The features and specifications make the AD8328
ideally suited for MCNS-DOCSIS and EuroDOCSIS applications.
The gain of the AD8328 is digitally controlled. An 8-bit serial
word determines the desired output gain over a 59 dB range,
resulting in gain changes of 1 dB/LSB.
The AD8328 accepts a differential or single-ended input signal.
The output is specified for driving a 75 Ω load through a 2:1
transformer.
Distortion performance of −53 dBc is achieved with an output
level up to 60 dBmV at 65 MHz bandwidth over a wide
temperature range.
This device has a sleep mode function that reduces the quiescent
current to 2.6 mA and a full power-down function that reduces
power-down current to 20 μA.
The AD8328 is packaged in a low cost 20-lead LFCSP and
a 20-lead QSOP. The AD8328 operates from a single 5 V supply
and has an operational temperature range of −40°C to +85°C.
FREQUENCY (MHz)
–70
–68
–66
–64
–62
–60
–58
–56
–54
–52
–50
VOUT = 60dBmV
@ MAX GAIN,
THIRD HARMONIC
VOUT = 60dBmV
@ MAX GAIN,
SECOND HARMONIC
5
1525
35
4555
65
Figure 2. Worst Harmonic Distortion vs. Frequency
1 Patent pending.


Similar Part No. - AD8328_05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8328ACP AD-AD8328ACP Datasheet
542Kb / 16P
5 V Upstream Cable Line Driver
60-Dec-2030
AD8328ACP-REEL AD-AD8328ACP-REEL Datasheet
542Kb / 16P
5 V Upstream Cable Line Driver
60-Dec-2030
AD8328ARQ AD-AD8328ARQ Datasheet
542Kb / 16P
5 V Upstream Cable Line Driver
60-Dec-2030
AD8328ARQ-REEL AD-AD8328ARQ-REEL Datasheet
542Kb / 16P
5 V Upstream Cable Line Driver
60-Dec-2030
AD8328 AD-AD8328_15 Datasheet
538Kb / 20P
5 V Upstream Cable Line Driver
REV. A
More results

Similar Description - AD8328_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3532 MAXIM-MAX3532 Datasheet
84Kb / 8P
Upstream CATV Driver Amplifier
Rev 1; 6/98
logo
Analog Devices
AD8328 AD-AD8328 Datasheet
542Kb / 16P
5 V Upstream Cable Line Driver
60-Dec-2030
AD8324 AD-AD8324 Datasheet
516Kb / 16P
3.3 V Upstream Cable Line Driver
10/03-Revision 0
AD45048 AD-AD45048 Datasheet
153Kb / 8P
Rail-to-Rail Upstream ADSL Line Driver
9/05-Rev. 0 to Rev. A
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
logo
Analog Devices
AD8324 AD-AD8324_05 Datasheet
420Kb / 16P
3.3 V Upstream Cable Line Driver
7/05-Rev. 0 to Rev. A
AD8324 AD-AD8324_15 Datasheet
382Kb / 16P
3.3 V Upstream Cable Line Driver
REV. B
AD8328 AD-AD8328_15 Datasheet
538Kb / 20P
5 V Upstream Cable Line Driver
REV. A
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com