Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT45DB161 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB161
Description  16-megabit 2.7-volt Only Serial DataFlash
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB161_01 Datasheet HTML 1Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 2Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 3Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 4Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 5Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 6Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 7Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 8Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
16-megabit
2.7-volt Only
Serial
DataFlash®
AT45DB161
Recommend using
AT45DB161B for new
designs.
Features
Single 2.7V - 3.6V Supply
Serial Interface Architecture
Page Program Operation
– Single Cycle Reprogram (Erase and Program)
– 4096 Pages (528 Bytes/Page) Main Memory
Optional Page and Block Erase Operations
Two 528-byte SRAM Data Buffers – Allows Receiving of Data
while Reprogramming of Nonvolatile Memory
Internal Program and Control Timer
Fast Page Program Time – 7 ms Typical
120 µs Typical Page to Buffer Transfer Time
Low Power Dissipation
– 4 mA Active Read Current Typical
– 3 µA CMOS Standby Current Typical
13 MHz Max Clock Frequency
Hardware Data Protection Feature
Serial Peripheral Interface (SPI) Compatible – Modes 0 and 3
CMOS and TTL Compatible Inputs and Outputs
Commercial and Industrial Temperature Ranges
Description
The AT45DB161 is a 2.7-volt only, serial interface Flash memory suitable for
in-system reprogramming. Its 17,301,504 bits of memory are organized as 4096
pages of 528 bytes each. In addition to the main memory, the AT45DB161 also con-
tains two SRAM data buffers of 528 bytes each. The buffers allow receiving of data
Rev. 0807E–01/01
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Clock
SI
Serial Input
SO
Serial Output
WP
Hardware Page
Write Protect Pin
RESET
Chip Reset
RDY/BUSY
Ready/Busy
(continued)
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RDY/BUSY
RESET
WP
NC
NC
VCC
GND
NC
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
PLCC
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
SCK
SI
SO
NC
NC
NC
NC
NC
NC
WP
RESET
RDY/BUSY
NC
NC
NC
NC
NC
NC
SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
VCC
NC
NC
WP
RESET
RDY/BUSY
NC
NC
NC
NC
NC
NC
NC
NC
CBGA Top View
through Package
A
B
C
D
E
1
2345
NC
NC
NC
NC
NC
VCC
WP
RESET
NC
NC
GND
RDY/BSY
SI
NC
NC
SCK
CS
SO
NC
NC
NC
NC
NC
NC
Note: PLCC package pins 16
and 17 are DON’T CONNECT


Similar Part No. - AT45DB161_01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161-CC ATMEL-AT45DB161-CC Datasheet
224Kb / 20P
16-Megabit 2.7-volt Only Serial DataFlash
AT45DB161-CI ATMEL-AT45DB161-CI Datasheet
224Kb / 20P
16-Megabit 2.7-volt Only Serial DataFlash
AT45DB161-JC ATMEL-AT45DB161-JC Datasheet
224Kb / 20P
16-Megabit 2.7-volt Only Serial DataFlash
AT45DB161-JI ATMEL-AT45DB161-JI Datasheet
224Kb / 20P
16-Megabit 2.7-volt Only Serial DataFlash
AT45DB161-RC ATMEL-AT45DB161-RC Datasheet
224Kb / 20P
16-Megabit 2.7-volt Only Serial DataFlash
More results

Similar Description - AT45DB161_01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
1-Megabit 2.7-volt Only Serial DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
2-Megabit 2.7-volt Only Serial DataFlash
AT45DB081 ATMEL-AT45DB081 Datasheet
115Kb / 16P
8-Megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161 Datasheet
224Kb / 20P
16-Megabit 2.7-volt Only Serial DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
32-Megabit 2.7-volt Only Serial DataFlash
AT26DF161 ATMEL-AT26DF161 Datasheet
486Kb / 31P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT45DB081A ATMEL-AT45DB081A Datasheet
412Kb / 28P
8-megabit 2.7-volt Only Serial DataFlash
AT45DB021A ATMEL-AT45DB021A Datasheet
395Kb / 28P
2-megabit 2.7-volt Only Serial DataFlash
AT26DF161 ATMEL-AT26DF161_06 Datasheet
577Kb / 35P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A ATMEL-AT26DF161A_07 Datasheet
703Kb / 41P
16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com