Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATMEGA48 Datasheet(PDF) 80 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 76Page - ATMEL Corporation ATMEGA48 Datasheet HTML 77Page - ATMEL Corporation ATMEGA48 Datasheet HTML 78Page - ATMEL Corporation ATMEGA48 Datasheet HTML 79Page - ATMEL Corporation ATMEGA48 Datasheet HTML 80Page - ATMEL Corporation ATMEGA48 Datasheet HTML 81Page - ATMEL Corporation ATMEGA48 Datasheet HTML 82Page - ATMEL Corporation ATMEGA48 Datasheet HTML 83Page - ATMEL Corporation ATMEGA48 Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 374 page
background image
80
2545J–AVR–12/06
ATmega48/88/168
(one)) to serve this function. The OC1A pin is also the output pin for the PWM mode timer
function.
PCINT1: Pin Change Interrupt source 1. The PB1 pin can serve as an external interrupt source.
• ICP1/CLKO/PCINT0 – Port B, Bit 0
ICP1, Input Capture Pin: The PB0 pin can act as an Input Capture Pin for Timer/Counter1.
CLKO, Divided System Clock: The divided system clock can be output on the PB0 pin. The
divided system clock will be output if the CKOUT Fuse is programmed, regardless of the
PORTB0 and DDB0 settings. It will also be output during reset.
PCINT0: Pin Change Interrupt source 0. The PB0 pin can serve as an external interrupt source.
Table 12-4 and Table 12-5 relate the alternate functions of Port B to the overriding signals
shown in Figure 12-5 on page 76. SPI MSTR INPUT and SPI SLAVE OUTPUT constitute the
MISO signal, while MOSI is divided into SPI MSTR OUTPUT and SPI SLAVE INPUT.
Table 12-4.
Overriding Signals for Alternate Functions in PB7..PB4
Signal
Name
PB7/XTAL2/
TOSC2/PCINT7(1)
PB6/XTAL1/
TOSC1/PCINT6(1)
PB5/SCK/
PCINT5
PB4/MISO/
PCINT4
PUOE
INTRC • EXTCK+
AS2
INTRC + AS2
SPE • MSTR
SPE • MSTR
PUOV
0
0
PORTB5 • PUD
PORTB4 • PUD
DDOE
INTRC • EXTCK+
AS2
INTRC + AS2
SPE • MSTR
SPE • MSTR
DDOV
0000
PVOE
0
0
SPE • MSTR
SPE • MSTR
PVOV
0
0
SCK OUTPUT
SPI SLAVE
OUTPUT
DIEOE
INTRC • EXTCK +
AS2 + PCINT7 •
PCIE0
INTRC + AS2 +
PCINT6 • PCIE0
PCINT5 • PCIE0
PCINT4 • PCIE0
DIEOV
(INTRC + EXTCK) •
AS2
INTRC • AS2
11
DI
PCINT7 INPUT
PCINT6 INPUT
PCINT5 INPUT
SCK INPUT
PCINT4 INPUT
SPI MSTR INPUT
AIO
Oscillator Output
Oscillator/Clock
Input
––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com