Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BYX133GL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYX133GL
Description  High-voltage car ignition diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYX133GL Datasheet(HTML) 2 Page - NXP Semiconductors

  BYX133GL Datasheet HTML 1Page - NXP Semiconductors BYX133GL Datasheet HTML 2Page - NXP Semiconductors BYX133GL Datasheet HTML 3Page - NXP Semiconductors BYX133GL Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2000 Jan 13
2
Philips Semiconductors
Product specification
High-voltage car ignition diode
BYX133GL
FEATURES
• Glass passivated
• High maximum operating temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy absorption capability.
APPLICATIONS
• Car ignition systems
• Automotive applications with extreme temperature
requirements.
DESCRIPTION
Rugged glass package, using a high temperature alloyed
construction.
The SOD119AB is hermetically sealed and fatigue free as
coefficients of expansion of all used parts are matched.
The package is designed to be used in an insulating
medium such as resin, oil or SF6 gas.
handbook, halfpage
ka
MAM420
Fig.1 Simplified outline (SOD119AB) and symbol.
Cathode indicated by a brown band.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
3kV
VRWM
crest working reverse voltage
3kV
IF(AV)
average forward current
50
mA
IRSM
non-repetitive peak reverse current
t = 100
µs triangular pulse;
Tj max prior to surge
50
mA
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
continuous
175
°C
maximum 30 minutes
200
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
IF = 10 mA
3.75
5.25
V
V(BR)R
reverse avalanche breakdown
voltage
IR = 100 µA
3.5
5.5
kV
IR
reverse current
VR =VRWMmax; Tj = 175 °C
30
µA
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
Tamb =Tleads; lead length = 10 mm
90
K/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com