Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL42P6LLF6 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STL42P6LLF6
Description  isc P-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STL42P6LLF6 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STL42P6LLF6 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STL42P6LLF6 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STL42P6LLF6 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc P-Channel MOSFET Transistor
STL42P6LLF6
www.iscsemi.com
2023-9-6
11
DESCRIPTION
·
Drain Current –ID=-42A@ TC=25℃
·
Drain Source Voltage- VDSS=- 60V(Min)
APPLICATIONS
·
Synchronous Rectification in SMPS
·
Switching converters,motor driver,relay driver·Power Tools
·
UPS
·
Motor Control
Absolute Maximum Ratings(Tc=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
-60
V
VGS
Gate-Source Voltage
±
20
V
ID
Drain Current-continuous@ TC=25℃
-42
A
ID
Drain Current-continuous@ TC=100℃
-30
A
IDM
Pulsed drain current
@ TC=25℃
-168
A
EAS
Avalanche Energy, Single Pulse ,L=0.3mH, TC=25℃
265
mJ
PD
Power Dissipation ,TC=25℃
100
W
Tj
Max. Operating Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~175
℃
Thermal Characteristics
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.5
℃
/W


Similar Part No. - STL42P6LLF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL42P6LLF6 STMICROELECTRONICS-STL42P6LLF6 Datasheet
471Kb / 14P
High avalanche ruggedness
24-Feb-2015
STL42P6LLF6 STMICROELECTRONICS-STL42P6LLF6 Datasheet
935Kb / 16P
P-channel -60 V, 23 mΩ typ., -42 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
November 2016 Rev 4
More results

Similar Description - STL42P6LLF6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCC1833 ISC-ISCC1833 Datasheet
389Kb / 2P
isc P-Channel MOSFET Transistor
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
Isc P-Channel MOSFET Transistor
ISCPL45D ISC-ISCPL45D Datasheet
316Kb / 2P
isc P-Channel MOSFET Transistor
SUD50P06-15 ISC-SUD50P06-15 Datasheet
267Kb / 2P
Isc P-Channel MOSFET Transistor
AOD403 ISC-AOD403 Datasheet
377Kb / 2P
Isc P-Channel MOSFET Transistor
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
ISCNL266D ISC-ISCNL266D Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com